Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE11205A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE11205A
Description  P-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11205A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE11205A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11205A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11205A Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE11205A
P-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE11205A is the P-Channel enhancement mode power field effect transistors are produced using
high cell density, DMOS trench technology. This high-density process is especially tailored to minimize
on-state resistance and provide superior switching performance.
These devices are particularly suited for low voltage applications such as notebook computer power
management and other battery powered circuits where high-side switching, low in-line power loss, and
resistance to transients are needed.
Features
-20V/0.45A, RDS(ON)= 520mΩ@VGS=-4.5V
-20V/0.35A, RDS(ON)= 700mΩ@VGS=-2.5V
-20V/0.25A, RDS(ON)= 1500mΩ@VGS=-1.8V
Super high-density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
Application
Drivers: Relays/Solenoids/Lamps/Hammers
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
-1.0
A
TA=80℃
-0.7
Pulsed Drain Current
IDM
-3
A
Continuous Source Current (Diode Conduction)
IS
-0.6
A
Power Dissipation
TA=25℃
PD
0.35
W
TA=70℃
0.19
Operating Junction Temperature
TJ
-55/150
O
C
Storage Temperature Range
TSTG
-55/150
O
C
Thermal Resistance-Junction to Ambient
T
≤ 10sec
RθJA
360
O
C /W
Steady State
400


Similar Part No. - ACE11205A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE112003B ACE-ACE112003B Datasheet
219Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE112003BQN+H ACE-ACE112003BQN+H Datasheet
219Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11204A ACE-ACE11204A Datasheet
221Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE11204AKM+H ACE-ACE11204AKM+H Datasheet
221Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE11205A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com