Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0903044 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0903044
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0903044 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0903044 Datasheet HTML 1Page - PHOENIX CONTACT 0903044 Datasheet HTML 2Page - PHOENIX CONTACT 0903044 Datasheet HTML 3Page - PHOENIX CONTACT 0903044 Datasheet HTML 4Page - PHOENIX CONTACT 0903044 Datasheet HTML 5Page - PHOENIX CONTACT 0903044 Datasheet HTML 6Page - PHOENIX CONTACT 0903044 Datasheet HTML 7Page - PHOENIX CONTACT 0903044 Datasheet HTML 8Page - PHOENIX CONTACT 0903044 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
3
3
Technical data
NOTE: Data apply where T
A = 25°C and UB = 24 V DC.
Operating data
Nominal voltage U
B
24 V DC (18 V DC ... 32 V DC)
Nominal current I
N
Depending on product version selected:
Fixed current strengths: 0.5 A, 1 A, 2 A, 3 A, 4 A, 6 A, 8 A, 10 A, 12 A
Closed-circuit current I
0
When ON: Typically 20 mA ... 30 mA, depending on signal output
Shutdown
Shutdown times
Refer to the time/current characteristic curve (see page 8)
Typical behavior
3 s where I
load > 1.1 x IN
100 ms ... 3 s where I
load > 1.8 x IN (or 1.5 x IN/1.3 x IN)
EC-E4: Pin 11/12
Individual signaling (N/C contact)
EC-E1: Pin 13/14
Individual signaling (N/O contact)
EC-E: SF 23, RE 22
RE reset input, SF status output
Status indicators
Operating state signaling
–
Multi-color LED
–
SF status output (option)
–
Floating signal contact (F alarm output) (option)
–
On/off setting for switch S1
Multi-color LED
Green = Device switched on (S1 = ON) or load circuit/Power MOSFET forced
to trip
Orange = Overload or short circuit leading to electronic shutdown
Red = Device shut down electronically, load circuit/Power MOSFET switched
off, undervoltage (U
B < 8 V) or after switch-on up to end of switch-on delay
time
OFF: Manually switched off (S1 = OFF) or device voltage is disconnected
Load circuit
Load output
Power MOSFET switching output (positive switching)
Overload shutdown (OL)
Typically 1.1 x I
N (1.05 ... 1.35 x IN)
Short-circuit current I
K
Active current limitation (see page 5)
Temperature shutdown
Internal temperature monitoring with electronic shutdown
Undervoltage monitoring for load output after each switch-on procedure
With hysteresis, no reset required: Load "OFF" at U
B < 8 V
Switch-on delay t
Start
Typically 0.5 s after reset and after U
B applied
Load circuit shutdown
Electronic shutdown after overload/short circuit
Free running circuit
External free-wheeling diode recommended for inductive load
Parallel connection of multiple load outputs
Not permitted
F alarm output, signal contact (for EC-E1 and EC-E4 only)
Electrical data
Floating signal contact
30 V DC/0.5 A maximum, 10 V/10 mA minimum
Normal state, LED lights up green
U
B is present, switch S1 is set to ON, and no overloads or short circuits occur
OFF state, LED off
–
Device switched off (switch S1 set to OFF)
–
Operating voltage U
B is not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com