Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0903044 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0903044
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0903044 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0903044 Datasheet HTML 1Page - PHOENIX CONTACT 0903044 Datasheet HTML 2Page - PHOENIX CONTACT 0903044 Datasheet HTML 3Page - PHOENIX CONTACT 0903044 Datasheet HTML 4Page - PHOENIX CONTACT 0903044 Datasheet HTML 5Page - PHOENIX CONTACT 0903044 Datasheet HTML 6Page - PHOENIX CONTACT 0903044 Datasheet HTML 7Page - PHOENIX CONTACT 0903044 Datasheet HTML 8Page - PHOENIX CONTACT 0903044 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
2
2Ordering data
Electronic miniature circuit-breakers
Description
Type
Order No.
Pcs./Pkt.
Nominal
current
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
0.5 A
EC-E1 0.5 A
0903022
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
1 A
EC-E1 1.0 A
0903023
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
2 A
EC-E1 2.0 A
0903024
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
3 A
EC-E1 3.0 A
0903025
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
4 A
EC-E1 4.0 A
0903026
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
6 A
EC-E1 6.0 A
0903028
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
8 A
EC-E1 8.0 A
0903029
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
10 A
EC-E1 10 A
0903030
6
Electronic miniature circuit-breaker with signal contact: 1 N/O contact
12 A
EC-E1 12 A
0903031
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
0.5 A
EC-E4 0.5 A
0903040
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
1 A
EC-E4 1.0 A
0903032
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
2 A
EC-E4 2.0 A
0903033
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
3 A
EC-E4 3.0 A
0903034
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
4 A
EC-E4 4.0 A
0903035
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
6 A
EC-E4 6.0 A
0903036
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
8 A
EC-E4 8.0 A
0903037
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
10 A
EC-E4 10 A
0903038
6
Electronic miniature circuit-breaker with signal contact: 1 N/C contact
12 A
EC-E4 12 A
0903039
6
Electronic miniature circuit-breaker with reset input and status output
0.5 A
EC-E 0.5 A 24 V DC
0903041
6
Electronic miniature circuit-breaker with reset input and status output
1 A
EC-E 1.0 A 24 V DC
0903042
6
Electronic miniature circuit-breaker with reset input and status output
2 A
EC-E 2.0 A 24 V DC
0903043
6
Electronic miniature circuit-breaker with reset input and status output
3 A
EC-E 3.0 A 24 V DC
0903044
6
Electronic miniature circuit-breaker with reset input and status output
4 A
EC-E 4.0 A 24 V DC
0903045
6
Electronic miniature circuit-breaker with reset input and status output
6 A
EC-E 6.0 A 24 V DC
0903046
6
Electronic miniature circuit-breaker with reset input and status output
8 A
EC-E 8.0 A 24 V DC
0903047
6
Electronic miniature circuit-breaker with reset input and status output
10 A
EC-E 10 A 24 V DC
0903048
6
Electronic miniature circuit-breaker with reset input and status output
12 A
EC-E 12 A 24 V DC
0903049
6
Version
Signal input
Signal output
F alarm output (signal contact)
SF status output
RE +24 V reset input
Individual-signal N/O contact
(normally open)
Individual-signal N/C contact
(normally closed)
SF +24 V status output = OK
EC-E1
–x
–
–
EC-E4
–
–
x
–
EC-E
x–
–
x
Accessories
Description
Type
Order No.
Pcs./Pkt.
Continuous plug-in bridge for LINE+ and 0 V, insulated with gray
material, 500 mm long, can be cut to length
Current carrying capacity with one supply: I
max = 50 A,
(recommendation: central input)
Current carrying capacity with two supplies: I
max = 63 A
Gray
FBST 500 TMC-NGY
0901028
10
Continuous plug-in bridge for signal contacts and reset inputs,
insulated with gray material, 500 mm long, can be cut to length
Current carrying capacity with one supply:
max = 1 A
With signal contacts connected in series: I
max = 0.5 A
Blue
Red
FBST 500-PLC-BU
FBST 500-PLC-RD
2966692
2966789
20
20
Zack marker strip, flat, 10-section
UC-TMF12
0819233
10
Screwdriver
SZS 0.6X3.5
1205053
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com