Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0903044 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0903044
Description  Electronic miniature circuit-breaker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0903044 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0903044 Datasheet HTML 1Page - PHOENIX CONTACT 0903044 Datasheet HTML 2Page - PHOENIX CONTACT 0903044 Datasheet HTML 3Page - PHOENIX CONTACT 0903044 Datasheet HTML 4Page - PHOENIX CONTACT 0903044 Datasheet HTML 5Page - PHOENIX CONTACT 0903044 Datasheet HTML 6Page - PHOENIX CONTACT 0903044 Datasheet HTML 7Page - PHOENIX CONTACT 0903044 Datasheet HTML 8Page - PHOENIX CONTACT 0903044 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC-E...
103906_en_01
PHOENIX CONTACT
4
Fault state, LED lights up orange
Overload condition > 1.1 x I
N leading to electronic shutdown
Fault state, LED lights up red
–
Electronic shutdown after overload or short circuit
–
Device switched off with control signal (switch S1 set to ON)
–
EC-E1: Individual signal, N/O contact open, pins 13 and 14
–
EC-E4: Individual signal, N/C contact closed, pins 11 and 12
Fault description
F alarm output (signal contact) is in a fault state if
–
Operating voltage U
B is not present
–
ON/OFF switch S1 is set to OFF
–
The LED lights up red (electronic shutdown)
F alarm output, signal contact (for EC-E1 and EC-E4 only) (continued)
Status output (for EC-E only)
Electrical data
Positive-switching signal output,
switches U
B to pin 23,
nominal data: 24 V DC/0.2 A maximum (short-circuit-proof)
The status output is terminated internally to 0 V with a 10-kohm resistance.
OUT status
EC-E... (OUT signal status), where U
B = +24 V
+24 V = S1 is ON, load output forced to trip
0 V = S1 is ON, load output blocked, and/or switch S1 is OFF.
LED lights up red
OFF state
0 V level at status output in all cases where:
–
Switch S1 is set to ON, but the device is still subject to a switch-on delay
–
Switch S1 is set to OFF or control signal OFF, device is switched off
–
Operating voltage U
B is not present
Reset input (for EC-E only)
Electrical data
Maximum voltage: +32 V DC
High > 8 V DC
≤ 32 V DC
Low
≤ 3 V DC > 0 V DC
Current consumption: Typ. 2.6 mA (+24 V DC)
Minimum pulse duration: 10 ms
RE reset signal, pin 22
When the EC-E is electronically blocked, it can be switched on again remotely
on the falling edge of a +24 V DC pulse, using an external button. A common
reset signal can also be applied to several devices at the same time. Devices
that are switched on remain unaffected by this.
Connection terminal blocks
LINE+/LOAD+/0 V connection terminal blocks
Screw connections
M4
Connection capacity
Solid
Stranded
With ferrule
1 conductor
0.5 mm
2
... 10 mm
2
0.5 mm
2
... 10 mm
2
0.5 mm
2
... 10 mm
2
2 conductors (two conductors with the same cross-section)
0.5 mm
2
... 4 mm
2
0.5 mm
2
... 4 mm
2
0.5 mm
2
... 2.5 mm
2
2 stranded conductors with a TWIN ferrule
0.5 mm
2
... 6 mm
2
Stripping length
10 mm
Torque (EN 60934)
1.5 Nm ... 1.8 Nm
Signal connections for connection terminal blocks
Screw connections
M3
Stranded connection capacity with ferrule
0.25 mm
2
... 2.5 mm
2
Stripping length
8 mm
Torque (EN 60934)
0.5 Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com