| Electronic Components Datasheet Search |
|
PIC18F1230-E/MLQTP Datasheet(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1230-E/MLQTP Datasheet(HTML) 87 Page - Microchip Technology |
|
87 / 312 page ![]() PIC18F1230/1330 © 2006 Microchip Technology Inc. Advance Information DS39758B-page 85 TABLE 9-3: PORTB I/O SUMMARY Pin Function TRIS Setting I/O I/O Type Description RB0/PWM0 RB0 0 O DIG LATB<0> data output; not affected by analog input. 1 I TTL PORTB<0> data input; weak pull-up when RBPU bit is cleared. Disabled when analog input enabled.(1) PWM0 0 O DIG PWM module output PWM0. RB1PWM1 RB1 0 O DIG LATB<1> data output; not affected by analog input. 1 I TTL PORTB<1> data input; weak pull-up when RBPU bit is cleared. Disabled when analog input enabled.(1) PWM1 0 O DIG PWM module output PWM1. RB2/INT2/KBI2/ CMP2/T1OSO/ T1CKI RB2 0 O DIG LATB<2> data output; not affected by analog input. 1 I TTL PORTB<2> data input; weak pull-up when RBPU bit is cleared. Disabled when analog input enabled.(1) INT2 1 I ST External interrupt 2 input. KBI2 1 I TTL Interrupt-on-change pin. CMP2 1 I ANA Comparator 2 input. T1OSO(2) 0 O ANA Timer1 oscillator output. T1CKI(2) 1 I ST Timer1 clock input. RB3/INT3/KBI3/ CMP1/T1OSI RB3 0 O DIG LATB<3> data output; not affected by analog input. 1 I TTL PORTB<3> data input; weak pull-up when RBPU bit is cleared. Disabled when analog input enabled.(1) INT3 1 I ST External interrupt 3 input. KBI3 1 I TTL Interrupt-on-change pin. CMP1 1 I ANA Comparator 1 input. T1OSI(2) 1 I ANA Timer1 oscillator input. RB4/PWM2 RB4 0 O DIG LATB<4> data output; not affected by analog input. 1 I TTL PORTB<4> data input; weak pull-up when RBPU bit is cleared. Disabled when analog input enabled.(1) PWM2 0 O DIG PWM module output PWM2. RB5/PWM3 RB5 0 O DIG LATB<5> data output. 1 I TTL PORTB<5> data input; weak pull-up when RBPU bit is cleared. PWM3 0 O DIG PWM module output PWM3. RB6/PWM4/PGC RB6 0 O DIG LATB<6> data output. 1 I TTL PORTB<6> data input; weak pull-up when RBPU bit is cleared. PWM4 0 O DIG PWM module output PWM4. PGC 1 I ST In-Circuit Debugger and ICSP™ programming clock pin. RB7/PWM5/PGD RB7 0 O DIG LATB<7> data output. 1 I TTL PORTB<7> data input; weak pull-up when RBPU bit is cleared. PWM5 0 O TTL PWM module output PWM4. PGD 0 O DIG In-Circuit Debugger and ICSP programming data pin. Legend: DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output; x = Don’t care (TRIS bit does not affect port direction or is overridden for this option). Note 1: Configuration on POR is determined by the PBADEN Configuration bit. Pins are configured as analog inputs by default when PBADEN is set and digital inputs when PBADEN is cleared. 2: Placement of T1OSI and T1OSO/T1CKI depends on the value of Configuration bit, T1OSCMX, of CONFIG3H. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |