Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA2117DUGR/DA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2117DUGR/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGR/DA Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2117DUGR/DA Datasheet HTML 1Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 2Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 3Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 4Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 5Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 6Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 7Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 8Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
2 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
Character Generator ROM (CGROM): 240, 224, or 208 characters (5
 8) depending
on the selected RAM size
Character Generator RAM (CGRAM): 16, 32, or 48 characters (5
 8); ICON-RAM:
400 bit
Two-line I2C-bus interface or four-line SPI bus selectable through input pin
Inversion modes
n-line (n = 1 to 7) inversion
Frame inversion
Large supply voltage range: VDD1: 2.5 V to 5.5 V (chip can be driven with battery cells)
Analog supply voltage VDD2: 2.5 V to 5.5 V
LCD supply voltage VLCD: 4 V to 16 V
Direct mode to save current consumption for icon mode and multiplex drive mode 1:9
(depending on VDD2 value and LCD properties)
Power-down mode pin
Very low current consumption (20
A to 200 A):
Power-down mode: < 2
A
Icon mode: < 25
A
Icon mode is used to save current. When only icons are displayed, a much lower LCD
operating voltage can be used and the switching frequency of the LCD driver outputs
is reduced. In this case, for most applications it is possible to use VDD as LCD supply
voltage
3.
Applications
Automotive
Instrument clusters
Climate control display
Car entertainment
Car radio
Industrial
Medical and health care
Measuring equipment
Machine control systems
Information boards
General-purpose display modules
Consumer
White goods
Home entertainment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com