Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA2117DUGR/DA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA2117DUGR/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGR/DA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA2117DUGR/DA Datasheet HTML 17Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 18Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 19Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 20Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 21Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 22Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 23Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 24Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
21 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.2.8
Command: Cursor_display_shift
The Cursor_display_shift command configures whether the cursor or the display moves or
shifts to right or left.
[1]
Default value.
Bits SC and RL: Cursor_display_shift moves the cursor position or the display to the right
or left without writing or reading display data. This function is used to correct a character
or move the cursor through the display.
In 2-line displays, the cursor moves to the next line when it passes the last position (40) of
the line. When the displayed data is shifted repeatedly, all lines shift at the same time;
displayed characters do not shift into the next line.
If shift display (SC = 1) is the only action performed, the address counter content does not
change. But increments or decrements with shift cursor (SC = 0).
If no other command follows, this command must be terminated with the Register_update
command.
Table 26.
Cursor_display_shift - cursor display shift bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
10
fixed value
7 to 2
-
000100
fixed value
1SC
shift or move cursor setting
0[1]
move cursor
1
cursor shift
0RL
shift or move direction setting
0[1]
left shift or move
1
right shift or move
Display line setting: 1 line
 40 characters; possible setups:
(1) Command Entry_mode_set: S = 1, command Cursor_display_shift: RL = 1.
(2) Command Entry_mode_set: S = 1, command Cursor_display_shift: SC = 1, RL = 1.
Fig 4.
Example of a linefeed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com