Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA2117DUGR/DA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA2117DUGR/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGR/DA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA2117DUGR/DA Datasheet HTML 35Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 36Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 37Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 38Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 39Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 40Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 41Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 42Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
39 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
Remarks:
1. VLCDx[8:0] has to be set to such a value that the resultant VLCD, including the
temperature compensation, is higher than VDD2.
2. The programmable range of VLCDx[8:0] is from 0h to 1FFh. It would allow achieving a
VLCD of higher voltages but the PCA2117 has a built-in automatic limitation set to
16 V.
8.4.4 VLCD drive capability
Figure 20 to Figure 22 illustrate the drive capability of the internal charge pump for various
conditions. VLCD is internally limited to 16 V.
(1) VLCDx[8:0] must be set such that VLCD > VDD2.
(2) Automatic limitation for VLCD > 16 V.
Fig 19. VLCD programming of PCA2117 (assuming VT[8:0] = 0h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com