Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS3A212D Datasheet(PDF) 7 Page - Analog Technologies, Inc.

Part # ATLS3A212D
Description  High Voltage Constant Current 3A Laser Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212D Datasheet(HTML) 7 Page - Analog Technologies, Inc.

Back Button ATLS3A212D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 11Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
7
Analog Technologies
ATLS3A212
High Voltage Constant Current 3A Laser Driver
APPLICATION INFORMATION
Figure 7. A Typical Stand-alone Application Schematic
Figure 7 shows a typical stand-alone application circuit.
Digital signal V1 and V2 control the laser driver into
Shutdown, Standby or Operation mode. The starting up time
delay is about 20mS and the shut down time is about 20µs.
It is worth mentioning that to achieve high speed and low
distortion digital modulation, one can use the LISL pin to set
a current that is a little lower than the threshold current of
the laser diode to turn off the laser beam, such as half of its
value, use the LISH pin to set the laser current when the
laser diode is turned on. In this way, the laser beam is turned
on and off, while the driver control loop is always kept on,
so that the output stage is always under control, no distortion
is caused by turning on/off the output stage.
When no modulation is needed, one can leave PCN pin
unconnected, LISL connect pin to GND, and use LISH to
set the output current.
In Figure 7, the LED is used to indicate laser diode status.
When LPGD pin is high, >2V, the laser diode control loop is
working properly. When LPGD pin is low, <0.3V, the laser
diode control loop is not working properly, there might be a
short or open circuit at the laser diode, or the laser driver is put
into Standby or Shutdown mode. The LPGD pin can also be
connected to a digital input pin of a micro-controller, when
software/firmware is utilized in the system. See Figure 7. The
equivalent circuit of LPGD pin is a 3k
Ω resistor pulling up it to
4V rail and an open drain FET, 500
Ω, pulling it down to the
ground. The pull-up current can be increased by connecting an
external pull-up resistor between LPGD and VPS. Tie this
added additional pull up resistor to a 3.3V or 5V power supply
if they are available. Make sure that the pull up current is not
too high, otherwise, the internal open drain FET cannot pull-
down the LPGD pin low enough to turn off the LED.
The laser diodes are connected between LDA and LDC pins. It
is worth mentioning that the power supply return terminal
should be connected to the pin 12 PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com