Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS3A212D Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS3A212D
Description  High Voltage Constant Current 3A Laser Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212D Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS3A212D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS3A212
High Voltage Constant Current 3A Laser Driver
6
LISL
Analog Input
Laser current low value setting voltage. There is a10M
Ω input resistor tied to GND. Setting
it from 0V to 2.5V will set the laser lower current from 0 to 3A linearly. The current set by
this pin can be higher than the current set by the LISH port on pin 7, the reason calling it
"low" is because when PCN, pin 3, is low, the laser driver will output the current set by this
pin. The input bias current of this pin is < 0.1
μA, in addition to the 10MΩ resistor tied to
GND. The maximum input voltage on this pin is 4V. It is recommended to use the 2.5VR
port, pin 5, as the voltage source for setting the output current.
7
LISH
Analog Input
Laser current high value setting voltage. For this pin, everything is the same as above
except that this pin sets the output current when PCN, pin 3 is high.
8
LIO
Analog Output
Laser Current Output indication. 0V to 2.5V indicates the laser current being from 0 to 3A
linearly.
9
TMO
Analog Output
Temperature Output pin. This pin indicates the controller temperature. The relationship
between the output voltage and the temperature is: 2.55V (
−40°C) ~ 1.2V (85°C).
10
LDA
Analog Output
Laser Diode Anode. Connect it to the laser diode anode terminal. The maximum current of
this pin can go up to 3A. When designing layout, do not use a thin and long PCB track,
otherwise, the inductance might be too high and oscillation may occur.
11
LDC
Analog Output
Laser Diode Cathode. Connect it to the laser diode cathode terminal. The current on this pin
can go up to 3A. Use thick and short PCB track for this pin to minimize the inductance to
avoid oscillation or ringing. This pin has a low voltage potential, when the output current is
3A, the potential is 75mV above PGND.
12
PGND
Power Ground
Power ground pin. Connect this pin directly to power supply return path line, 0V. The
maximum current on this pin can go up to 3A.
13
VPS
Power Input
Power supply voltage. The driver works from VVPS = 4.5V ~ 15V. The maximum current
can go up to 3A.
14
SYNO
Digital Output
Synchronization Output. This is a digital output signal with internal impedance of 100
Ω by
passed by 1.5MHz low pass filter. This output is triggered by the PWM output stage of this
laser driver and can be used to synchronize other switch mode electronics to avoid the
beating interference with their free-run frequencies if their free-run frequencies are close to
500kHz. If the free-run frequency of the other electronics is far away from 500kHz, this pin
may be left unconnected.
SPECIFICATIONS
Table 2. Characteristics (TAmbient = 25
°C)
Parameter
Value
Unit
Power efficiency
IOUT = 3A, VLDA = 8V& VVPS = 15V.
90
%
Maximum output current
3
A
Low frequency output current noise
peak-to-peak value, 0.1Hz to 10Hz
VVPS = 12V, VOUT = 6V
5.21
µAP-P
Stability @ 3A&
−20°C ∼80°C
<
±0.01
%
<
±300
µA
Laser current control signal at LISL and LISH
0~2.5
V
LISL and LISH control accuracy
±0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com