Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 5 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 5 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
5
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS200MA103
Figure 7. Low Noise Digital Modulation Circuit
Note:
VVPS: the power supply voltage on VPS pin
VLDAMAX: the maximum output voltage of LDA pin
VLD: the forward voltage of the laser diode
VLDH: the highest forward voltage of the laser diode on the
modulation
VLDL: the lowest voltage of the laser diode on the modulation
VLIOH: the highest voltage of LIO pin
VLIOL: the lowest voltage of LIO pin
POLD: the optical output power of the laser diode
POLDH: the highest optical output power of the laser diode on
the modulation
ILD: the laser diode current
ILDH: the highest laser diode current on the modulation
ILDL: the lowest laser diode current on the modulation
Figure 8. Power Supply Voltage VVPS vs. LDA Pin Maximum
Voltage VLDAMAX
Maximum LDA Output Voltage vs. Power Supply Voltage
The maximum LDA pin output voltage is depending on the
power supply input voltage, VVPS. Their relationship is shown
in Figure 8. Therefore, it is recommended that:
VVPS
≥ VLDAMAX + 1V,
Where VLDAMAX is the laser diode’s maximum possible
forward voltage at the operation current.
To Avoid Output Current Distortions
The laser diode’s forward voltage and current has a non-linear
relationship shown in Figure 9.1 and 9.1. It can be seen that
when the current is low, the voltage is uncertain, it can be
between 0V to 1V or more. Thus, when setting the output
current to zero, the output voltage will oscillate between 0V
LDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com