Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 9 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 9 Page - Analog Technologies, Inc.

Back Button ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 11Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 12Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 13Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
9
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS200MA103
Figure 16. Driving High Voltage Laser Diodes
Driving High Voltage Laser Diodes
Some laser diodes have high forward voltage, such as 7V,
while the laser driver ATLS200MA103D has a maximum
output voltage of 4V. This section tells a way to drive such
laser diodes by using this laser driver.
The schematic is shown in Figure 16, where Power Supply
1 is the power supply for the laser driver, Power Supply 2
is for increasing the laser driver's maximum output voltage.
Please notice that the power on sequence has to be in this
way: turn on Power Supply 1, turn on Power Supply 2,
then turn on the laser driver by driving SDN (Shutdown)
pin to logic high.
The sequence for turning off the laser circuit is: turn off the
SDN pin by pulling it down to the logic low, turn off
Power Supply 1, then, turn off power supply 2.
To make sure the circuit works ok: turn on the laser,
measure LDA voltage, it should be between 1V to 3V, at
room temperature, the ideal LDA voltage is around 2V.
Figure 17. Controller Internal Temperature vs. TMPO Voltage
–20 –10
0
10
20
30
40
50
60
70
80
90
100
110
120 130
140
150
0.4
0.8
1.2
1.6
2.0
2.4
Voltage (V)
Temperature (°C)
A Linearized TMPO Voltage vs. Controller Temperature
Actual TMPO Voltage vs. Controller Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com