Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 12 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 12 Page - Analog Technologies, Inc.

Back Button ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 11Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 12Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 13Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
12
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS200MA103
WARNING: Both the surface mount and the through hole types of modules can only be soldered manually on the board
by a solder iron of < 310ºC (590ºF), not go through a reflow oven process.
NOTE: The power supply may have overshoot, when happens, it may exceed the maximum allowed input voltage, 6V,
of the controller and damage the controller permanently. To avoid this from happening, do the following:
1. Connect the controller solid well with the power supply before turning on the power.
2. Make sure that the power supply has sufficient output current. It is suggested that the power supply can
supply 1.2 to 1.5 times the maximum current the controller requires.
3. When using a bench top power supply, set the current limit to >1.5 times higher than the maximum current
the controller requires.
4. This laser driver can be evaluated by our evaluation board, ATLS1A103DEV1.0.
ORDERING INFORMATION
Part #
Description
ATLS200MA103D
Controller in DIP package
ATLS200MA103S
Controller in SMT package
ATLS200MA103
−PD
Controller with a pull-down resistor of 100k to the ground in SDN pin.
PRICES
Quantity (pcs)
1
− 9
10
− 49
50
− 199
200
− 499
≥500
ATLS200MA103D
ATLS200MA103S
ATLS200MA103
−PD
$71.4
$68.6
$64.6
$60.7
$56.7
RELATED PRODUCTS
Part #
Description
Comments
ATLS100MA103
Linear mode low noise 100mA
constant current laser driver
VVPS = 3.8V~5.5V; VOUT = 0V ~ (VVPS −1V);
Output noise: ≤1.5µVP-P @0.1Hz to 10Hz;
ATLS250MA103
Linear mode low noise 250mA
constant current laser driver
VVPS = 3.8V~5.5V; VOUT = 0V ~ (VVPS −1V);
Output noise: ≤ 2.5µVP-P @0.1Hz to 10Hz;
ATLS500MA103
Linear mode low noise 500mA
constant current laser driver
VVPS = 3.8V~5.5V; VOUT = 0V ~ (VVPS −1V);
Output noise: ≤5µVP-P @0.1Hz to 10Hz;
ATLS1A103
Linear mode low noise 1A constant
current laser driver
VVPS = 3.8V~5.5V; VOUT = 0V ~ (VVPS −1V);
Output noise: ≤ 6µVP-P @0.1Hz to 10Hz;
ATLS1A103DEV1.0
Evaluation board for ATLSXA103D
series laser drivers
Evaluate these laser drivers: ATLS100MA103D,
ATLS200MA103D, ATLS250MA103D,
ATLS500MA103D and ATLS1A103D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com