Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 6 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 6 Page - Analog Technologies, Inc.

Back Button ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 10Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
6
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS250MA103
To Avoid Output Current Distortions
The laser diode’s forward voltage and current has a non-linear
relationship shown in Figure 9.1 and 9.2. It can be seen that
when the current is low, the voltage is uncertain, it can be
between 0V to 1V or more. Thus, when setting the output
current to zero, the output voltage will oscillate between 0V
to about 1V or 1.5V, depending on the wavelength of the
laser diode. If we set the lowest output current to a non-zero
value, such as 1/10 of the laser’s operating current but lower
than the laser’s threshold current, the laser’s optical beam can
still be cut
−off, but the output voltage will not oscillate, thus
the output current will not have distortions. The status of the
LIO is similar as the Figure 10 shown without output current
distortions.
VLD
ILD
VLDH
VLDL
ILDL
ILDH
Figure 9.1. Laser Diode Current ILD vs. Laser Diode Voltage
VLD
vLD (t)
t
VLDL
VLDH
0
Figure 9.2. Laser Diode Voltage vLD (t) Waveform
vLIO (t)
t
VLIOL
VLIOH
0
Figure 10. LIO Pin Voltage vLIO (t) Waveform
The laser’s threshold current is shown in Figure 11. It can be
seen that when the laser’s current fall below a certain value,
there is no output optical power. For example, the operating
current and threshold current of a red laser diode of 650nm
are 30mA and 20mA respectively and the optical output
power is 4mW. It will have no optical output power if the
output current of this laser diode is lower than 20mA which is
its threshold current. Figure 12 and Figure 13 will describe
you the relationship between the ILD and PLD.
Figure 11. Laser Diode Current ILD vs. Laser Diode Optical
Power POLD
Figure 12. Laser Diode Current iLD Waveform
pOLD (t)
t
POLDH
0
POLDL
Figure 13. Laser Diode Optical Power pOLD Waveform
Monitoring the Output Current
The output current of the controller can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-controller based system where the ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal which is
proportional to the output current:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com