Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
ATLS250MA103
Low Noise Constant Current Laser Controller
Figure 1. Physical Photo of ATLS250MA103S
FEATURES
Ultra Low Noise: 2.5µAP-P @0.1Hz to 10Hz
High Current without Heat Sink: 250mA
High Absolute Accuracy: <0.1%
High Stability: <100ppm/
°C
Programmable Current Limit
Complete Shielding
Compact Size
100 % Lead (Pb)-free and RoHS Compliant
DIP and SMT Packages Available
APPLICATIONS
Driving laser diodes with low noise, including DPSSL,
EDFA, SOA, fiber laser, direct diode lasers, etc.
DESCRIPTION
The ATLS250MA103 is an electronic module designed for
driving diode lasers with up to 250mA low noise current.
Figure 1 shows physical photo of ATLS250MA103.The
output voltage is 0.4V to VVPS − 1V when powered by a 5V
power supply.
When the maximum power consumed by the controller is
maintained to <1W, it does not require a heat sink to operate.
The controller has temperature compensation network so
that the output current maintains the same even as the
controller temperature rises.
In case the controller temperature exceeds a preset limit, 120
°C,
the controller will be shut down by itself to prevent the
controller from being damaged by the over heat.
The output current of the ATLS250MA103 can be set by an
input voltage linearly or modulated by an external large signal
of up to 1MHz in bandwidth, resulting in a minimum 170nS
rise and fall times (Large signal) at the output current.
A highly stable low noise 2.5V reference voltage is provided
internally for setting the output current. This reference can also
be used as the voltage reference for external ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) which are utilized for converting the analog signals,
such as LIO which represents the output current, into digital
signals, and/or converting the digital signals into analog ones
for setting the analog voltages, such as LIS which sets the
output current.
The ATLS250MA103 is packaged in a 6 sided metal enclosure,
which blocks EMIs (Electro-Magnetic Interferences) to prevent
the controller and other electronics from interfering each other.
This laser driver can be evaluated by our evaluation board,
ATLS1A103DEV1.0.
There are 2 packaging versions available: DIP through hole
package and surface mount type.
Warning: Both the surface mount and the through hole
types of modules can only be soldered manually on the
board by a solder iron of < 310ºC (590ºF), not go through a
reflow oven process.
Figure 2. Pin Names and Locations
Figure 2 is the actual size top view of the ATLS250MA103,
which shows the pin names and locations. Its thickness is 5mm.
Table 1 shows the pin function descriptions.
Table 1 Pin Function Descriptions
Pin #
Pin
Name
Pin Type
Description
1
SDN
Digital input
For ATLS250MA103: Shut down control. Negative logic.
For ATLS250MA103-PD: Shut down control. Positive logic. There is a pull-down
resistor of 100k to the ground.
2
GND
Signal ground
Signal ground pin. Connect ADC and DAC grounds to here.
3
2.5VR
Analog output
2.5V reference voltage. It is used by the internal DACs as the reference voltage. It can
source 3mA max, with 5
μVp-p noise @ 0.1Hz to 10Hz and 25ppm/°C stability max.
20.14
VPS
PGND
LDC
LDA
TMPO
LPGD
GND
2.5VR
LILM
LIS
LIO
SDN
1
3
4
5
6
2
12
10
9
8
7
11
14.5


Similar Part No. - ATLS1A103DEV1.0

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
456Kb / 7P
Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
1/25/2022
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103DEV1.0 ANALOGTECHNOLOGIES-ATLS1A103DEV1.0 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
More results

Similar Description - ATLS1A103DEV1.0

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A104 ANALOGTECHNOLOGIES-ATLS1A104 Datasheet
960Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA104 ANALOGTECHNOLOGIES-ATLS100MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA103 ANALOGTECHNOLOGIES-ATLS500MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS500MA106 ANALOGTECHNOLOGIES-ATLS500MA106 Datasheet
559Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com