Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 7 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 7 Page - Analog Technologies, Inc.

Back Button ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 11Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
7
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS250MA103
VLIO (V) = IOUT
× 10 (V).
For example, when the output signal equals to 2.5V, the
output current is 250mA.
The output impedance of this pin is 10
Ω and it can be used to
drive an ADC directly.
It can also be measured by a multimeter during debugging
process.
Figure 13 below shows the relations among vLIS, vLIMS and
iOUT
Figure 14. vLIS & vLIO
When vLIS ≤ vLIMS, iOUT changes with vLIS linearly; when
vLIS>vLIMS, iOUT oscillates between 0 and vLIMS.
Monitoring the Controller Internal Temperature
The controller internal temperature can be monitored by
measuring the TMPO pin voltage. The relationship between
the LMPO voltage and the temperature is:
)
(
479
.
3
8015
.
1
4182
.
2
10
04
.
1525
3
C
TMPO
T
°
−
+
+
−
=
(1)
Where TMPO is the voltage on the TMPO pin.
This formula can be approximated by a linear equation:
)
(
31
.
90
7
.
192
C
TMPO
T
°
×
−
=
(2)
Within the most commonly used temperature range of
between 0
°C to 100°C, the maximum error occurs at about
1.5V, at which the temperature error between the calculated
data by using the formula (1) and the approximated data
obtained by using the linear equation (2) is about 0.4
°C, with
the linear data being a little lower. The curves of the 2 sets of
the data are plotted in Figure 16.
Please notice that the TMPO pin has a weak driving
capability: the maximum sourcing current is 1
μA and the
maximum sinking current is 40
μA.
The TMPO pin can also be used as an input control pin: when
forcing the TMPO voltage to below 0.4V, the laser controller
will be shutdown.
Controller Power Consumption
The power consumption of the controller can be calculated by:
PDRIVER = IOUT
× (VVPS – VLDA),
where IOUT is the output current;
VVPS is the power supply voltage;
VLDA is the voltage across the laser diode.
When the PDRIVER exceeds 1W, a heat sink might be needed.
Under this situation, if prefer not to use the heat sink, this is
an option: lowering the controller power consumption by
reducing the power supply voltage VVPS. Please make sure:
VVPS
≥ VLDAMAX + 1V,
where VLDAMAX is the maximum possible laser diode voltage.
First Time Power Up
Laser is a high value and vulnerable device. Faults in
connections and damages done to the controller during
soldering process may damage the laser permanently.
To protect the laser, it is highly recommend to use 3 to 4
regular diodes of >100mA to form a “dummy laser” and insert
it in the place of the real laser diode, when powering up the
controller for the first time. Use an oscilloscope to monitor
the LDA voltage at times of power-up and power-down, make
sure that there is not over-shoot in voltage. At the same time,
use an ammeter in series with the dummy laser, to make sure
that the output current is correct.
After thorough checking free of faults, disconnect the dummy
laser and connect the real+ laser in place.
The controller output voltage range for the laser is between
0.4V to VVPS − 1V when powered by a 5V power supply.
Driving High Voltage Laser Diodes
Some laser diodes have high forward voltage, such as 7V,
while the laser driver ATLS250MA103D has a maximum
output voltage of 4V. This section tells a way to drive such
laser diodes by using this laser driver.
The schematic is shown in Figure 15, where Power Supply 1
is the power supply for the laser driver, Power Supply 2 is for
increasing the laser driver's maximum output voltage.
Please notice that the power on sequence has to be in this way:
turn on Power Supply 1, turn on Power Supply 2, then turn on
the laser driver by driving SDN (Shutdown) pin to logic high.
The sequence for turning off the laser circuit is: turn off the
SDN pin by pulling it down to the logic low, turn off Power
Supply 1, then, turn off power supply 2.
Toc make sure the circuit works ok: turn on the laser, measure
LDA voltage, it should be between 1V to 3V, at room
temperature, the ideal LDA voltage is around 2V.
vLIS
(t)
2.5V
vLIO
(t)
vLIMS
vLIMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com