Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM6594J8VR Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AM6594J8VR
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM6594J8VR Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AM6594J8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM6594
MOSFET
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
- FEB 2019 RELEASED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA = 25℃, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Static Parameters
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250μA
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
1.0
1.6
2.5
V
Gate Leakage Current
IGSS
VDS=0V, VGS=±20V
-
-
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
TJ =25°C
-
-
1
μA
VDS=24V,VGS =0V
TJ =75°C
-
-
10
Drain-source On-ResistanceNOTE5
RDS(ON)
VGS =10V,ID=20A
-
4.5
6
mΩ
VGS =4.5V,ID=15A
-
5.6
7
Forward Transconductance
Gfs
VDS=10V, ID=10A
-
8.8
-
S
Diode Characteristics
Diode Forward VoltageNOTE5
VSD
IS=1A, VGS=0V
-
-
1.0
V
Continuous Source Current
IS
-
-
50
A
Reverse Recovery Time
trr
IS=10A, dl/dt=100A/μs
-
12
-
ns
Reverse Recovery Charge
Qrr
-
3.5
-
nC
Dynamic and Switching Parameters
Total Gate Charge
Qg
VDS=15V, VGS=10V,
ID=10A
-
24.6
33.4
nC
Total Gate Charge (4.5V)
Qg
-
12
15
Gate-Source Charge
Qgs
-
2.8
3.5
Gate-Drain Charge
Qgd
-
6
8.1
Input Capacitance
Ciss
VDS=15V, VGS=0V,
f=1.0MHz
-
1280
-
pF
Output Capacitance
Coss
-
196
-
Reverse Transfer Capacitance
Crss
-
162
-
Gate Resistance
Rg
VGS=0V, VDS=0V,
f=1MHZ
-
2.2
-
Ω
Turn-On TimeNOTE5
td(on)
VDD=15V, VGEN=10V,
RG=3.3Ω, ID=1A
-
6.4
12
ns
tr
-
14
27
Turn-Off TimeNOTE5
td(off)
-
32.4
62
tf
-
9.2
17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com