Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM6594J8VR Datasheet(PDF) 7 Page - AiT Semiconductor Inc.

Part # AM6594J8VR
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM6594J8VR Datasheet(HTML) 7 Page - AiT Semiconductor Inc.

  AM6594J8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM6594
MOSFET
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
- FEB 2019 RELEASED -
- 7 -
PACKAGE INFORMATION
Dimension in DFN8(5x6) (Unit: mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
B
0.330
0.510
0.013
0.020
C
0.200
0.300
0.008
0.012
D
5.900
6.100
0.232
0.240
D1
3.380
3.780
0.133
0.149
D2
1.100
-
0.043
-
E
5.700
5.800
0.224
0.228
e
1.270 BSC
0.050 BSC
F
4.800
5.000
0.189
0.197
G
0.361
0.396
0.014
0.016
H
0.410
0.610
0.016
0.024
I
0.060
0.200
0.002
0.008
L
0.510
0.710
0.020
0.028
θ
0°
12°
0°
12°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com