Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM6594J8VR Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # AM6594J8VR
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM6594J8VR Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  AM6594J8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM6594
MOSFET
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
- FEB 2019 RELEASED -
- 1 -
DESCRIPTION
FEATURES
AM6594 is the N-Channel enhancement mode power
field effect transistors are using trench DMOS
technology. This advanced technology has been
especially tailored to minimize on-state resistance,
provide superior, fast switching performance, and
withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for
high efficiency fast switching applications.
AM6594 is available in a DFN8(5x6) package.
VDS = 30V, ID = 50A
RDS(ON)=4.5mΩ(Typ.)@VGS=10V
RDS(ON)=5.6mΩ(Typ.)@VGS=4.5V
Low Gate Charge
100% UIS and Rg tested
High power and current handling capability
Available in a DFN8(5x6) package.
ORDERING INFORMATION
APPLICATION
Package Type
Part Number
DFN8
SPQ: 2,500pcs/Reel
J8
AM6594J8R
AM6594J8VR
Note
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
Wireless Charging
DC/DC Converters
Load Switch
PIN DESCRIPTION


Similar Part No. - AM6594J8VR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM6512 AITSEMI-AM6512 Datasheet
836Kb / 11P
N-CHANNEL ENHANCEMENT MODE
REV2.0
AM6512J8R AITSEMI-AM6512J8R Datasheet
836Kb / 11P
N-CHANNEL ENHANCEMENT MODE
REV2.0
AM6512J8VR AITSEMI-AM6512J8VR Datasheet
836Kb / 11P
N-CHANNEL ENHANCEMENT MODE
REV2.0
logo
Analog Power
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
logo
Texas Instruments
AM6526 TI1-AM6526 Datasheet
3Mb / 299P
Sitara Processors
More results

Similar Description - AM6594J8VR

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com