Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V52-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6V52-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6V52-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 16Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 17Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 19
MCP6V51/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs (VOUT, VOUTA,
VOUTB, VOUTC, VOUTD)
The analog output pins (VOUT) are low-impedance
voltage sources.
3.2
Analog Inputs (VIN+, VIN-, VINB+,
VINB-, VINC-, VINC+, VIND-, VIND+)
The noninverting and inverting inputs (VIN+, VIN-, …)
are high-impedance CMOS inputs with low bias
currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 4.5V to 45V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6V51
MCP6V52
MCP6V54
Symbol
Description
SOT23-5 MSOP-8 SOIC-8
MSOP-8
SOIC-14
1
6
1
1
1
VOUT
Output
4
2
2
2
2
VIN-
Inverting Input
3
3
3
3
3
VIN+
Noninverting Input
5
7
8
8
4
VDD
Positive Power Supply
—
—
5
5
5
VINB+
Noninverting Input (Op Amp B)
—
—
6
6
6
VINB-
Inverting Input (Op Amp B)
—
—
7
7
7
VOUTB Output (Op Amp B)
—
—
—
—
8
VOUTC Output (Op Amp C)
—
—
—
—
9
VINC-
Inverting Input (Op Amp C)
—
—
—
—
10
VINC+
Noninverting Input (Op Amp C)
2
4
4
4
11
VSS
Negative Power Supply
—
—
—
—
12
VIND+
Noninverting Input (Op Amp D)
—
—
—
—
13
VIND-
Inverting Input (Op Amp D)
—
—
—
—
14
VOUTD Output (Op Amp D)
—
1, 5, 8
—
—
—
NC
Do Not Connect (no internal connection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com