Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V52-E/MS Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP6V52-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52-E/MS Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP6V52-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 29Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 30Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 31Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 28
2018-2022 Microchip Technology Inc. and its subsidiaries
Figure 4-13 shows a higher performance circuit for a
Wheatstone bridge signal conditioning design. This
example offers a symmetric, high-impedance load to
the bridge with superior CMRR performance. It
maintains this high CMRR by driving the signal
differentially into the ADC.
FIGURE 4-13:
Higher Performance Design.
4.4.3
RTD SENSOR
The ratiometric circuit in Figure 4-14 conditions a
two-wire RTD for applications with a limited
temperature range. U1 acts as a difference amplifier,
with a low-frequency pole. The sensor’s Wiring
Resistance (RW) is corrected in firmware. Failure
(open) of the RTD is detected by an out-of-range
voltage.
FIGURE 4-14:
RTD Sensor.
20 k
1 µF
200
20 k
1 µF
ADC
VDD
200 
200 
3 k
3 k
1 µF
R R
R R
VDD
10 nF
10 nF
200
MCP6V52
MCP6V52
RF
10 nF
ADC
+5V
RN
1.0 µF
VDD
RW
RT
RB
RRTD
RG
100Ω
1 kΩ
4.99 kΩ
34.8 kΩ
2 MΩ
10.0 kΩ
U1
MCP6V51
RW
10.0 kΩ
RF
2 MΩ
10 nF
100 nF
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com