Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V52-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6V52-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6V52-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 16Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 17Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V52-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 17
MCP6V51/2/4
FIGURE 2-42:
Inverting Small Signal Step
Response.
FIGURE 2-43:
Inverting Large Signal Step
Response.
FIGURE 2-44:
Inverting 40 VPP Step
Response.
FIGURE 2-45:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-46:
Output Overdrive Recovery
vs. Time with G = -10 V/V.
FIGURE 2-47:
Output Overdrive Recovery
Time vs. Inverting Gain.
0123456789
10
Time (μs)
V
DD = +/-15V
G = -1 V/V
VIN
VOUT
-15
-10
-5
0
5
10
15
0
102030405060708090 100
Time (μs)
V
DD = +/-15 V
G = -1 V/V
VOUT
VIN
-30
-20
-10
0
10
20
30
0
20
40
60
80 100 120 140 160 180 200
Time (μs)
V
DD = +/-22.5 V
G = -1 V/V
VOUT
VIN
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, V
DD = 45V
Rising Edge, V
DD = 4.5V
Falling Edge, V
DD = 4.5V
Rising Edge, V
DD = 45V
-30
-20
-10
0
10
20
30
Time (100 us/div)
V
DD = 45 V
G = -10V/V
0.5V Overdrive
V
OUT
GV
IN
V
OUT
GV
IN
1
10
100
1000
Inverting Gain Magnitude (V/V)
100μ
10μ
1μ
0.5V Input Overdrive
1m
V
DD = 4.5V
V
DD = 45V
t
ODR, high
t
ODR, low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com