Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-2D301SWB-E Datasheet(PDF) 9 Page - C&K Components

Part # AP-2D301SWB-E
Description  Industrial Pushbutton Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP-2D301SWB-E Datasheet(HTML) 9 Page - C&K Components

Back Button AP-2D301SWB-E Datasheet HTML 2Page - C&K Components AP-2D301SWB-E Datasheet HTML 3Page - C&K Components AP-2D301SWB-E Datasheet HTML 4Page - C&K Components AP-2D301SWB-E Datasheet HTML 5Page - C&K Components AP-2D301SWB-E Datasheet HTML 6Page - C&K Components AP-2D301SWB-E Datasheet HTML 7Page - C&K Components AP-2D301SWB-E Datasheet HTML 8Page - C&K Components AP-2D301SWB-E Datasheet HTML 9Page - C&K Components AP-2D301SWB-E Datasheet HTML 10Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
A-116
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
5,65 TYP
[.222]
0,5 TYP
[.020]
4
[.157]
2,75
[.108]
6,44 TYP
[.254]
0,75 TYP
[.030]
2,04 TYP
[.080]
0,5 TYP
[.020]
2,83 TYP
[.111]
2,83 TYP
[.111]
LED TERMINAL
ANODE (+)
LED TERMINAL
CATHODE (-)
LED TERMINAL
ANODE (+)
LED TERMINAL
CATHODE (-)
34,78 TYP
[1.369]
11,11
[.437]
27,04 TYP
[1.065]
WIRES:
BLACK - TERMINALS
RED - LED (+) POSITIVE
WHITE - LED (-) NEGATIVE
WIRE LEADS WITH
POTTED BASE,
SNAP-IN
ILLUMINATION
WIRE LEADS WITH
POTTED BASE,
THREADED
ILLUMINATION
304,81 ± 6,35
(12.00 ± .25)
Wire Leads
22 AWG STD
304,81 ± 6,35
(12.00 ± .25)
Wire Leads
22 AWG STD
APB Series
Backlit Pushbutton Switch
TERMINATION
W 12” WIRE LEADS
Z SOLDER LUG
CONTACT MATERIAL
B GOLD
OPTION
CODE
CONTACT MATERIAL
B
Gold
TERMINAL SEAL
E EPOXY
All models are epoxy sealed
Third Angle
Projection
28 Jul 21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com