Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-2D301SWB-E Datasheet(PDF) 3 Page - C&K Components

Part # AP-2D301SWB-E
Description  Industrial Pushbutton Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP-2D301SWB-E Datasheet(HTML) 3 Page - C&K Components

  AP-2D301SWB-E Datasheet HTML 1Page - C&K Components AP-2D301SWB-E Datasheet HTML 2Page - C&K Components AP-2D301SWB-E Datasheet HTML 3Page - C&K Components AP-2D301SWB-E Datasheet HTML 4Page - C&K Components AP-2D301SWB-E Datasheet HTML 5Page - C&K Components AP-2D301SWB-E Datasheet HTML 6Page - C&K Components AP-2D301SWB-E Datasheet HTML 7Page - C&K Components AP-2D301SWB-E Datasheet HTML 8Page - C&K Components AP-2D301SWB-E Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP Series
Industrial Pushbutton Switch
ILLUMINATION
28,00
1.102
[]
20,25
0.797
[]
1,50
0.059
[]
7,74
0.305
[]
0,85
0.033
[]
16,25
0.640
[]
24,00
0.945
[]
1,50
0.059
[]
7,75
0.305
[]
0,85
0.033
[]
M13 X 1.25-6g
THREADED WITH
ILLUMINATION
SNAP-IN
NO ILLUMINATION
THREADED
NO ILLUMINATION
M13 X 1.25-6g
SNAP-IN
WITH ILLUMINATION
*LED FORWARD CURRENT: 20 mA
LED FORWARD VOLTAGE: see chart above
LED REVERSE VOLTAGE: 5.0 V MAX
* For information on specific and custom LED, please contact Customer Service.
S SNAP-IN
T THREADED PLASTIC
BUSHING STYLE
07
LED Super Blue
08
LED Bi-Color – Amber (Green)
02
LED Bi-Color – Red (Green)
OPTION
CODE
ILLUMINATION
TYPE
00
Model without illumination
01
LED Super White
03
LED Red
05
LED Amber
06
LED Green
800
1,500
10
10
10
20
TYPICAL INTENSITY*
MIN
MAX
35
50
(mcd)
4,000
5,000
4
8
35
50
PEAK
WAVELENGTH
(nm)
N/A
700
610
585/565
565
N/A
470
635/565
N/A
Vf Forward Voltage
2.0
2.0
2.0
2.0
3.5
3.8
2.0
Third Angle
Projection
+ Anode
- Cathode
4
3
NOTE:
For bi-color LED’s the polarity must be reversed to alternate the color
A-110
A
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
B
ø A
PANEL THICKNESSDIM A (± 0.05 mm)DIM B (± 0.05 mm)
1 mm
[0.039 in]
13.70 mm
[0.539 in]
13.00 mm
[0.512 in]
2 mm
[0.079 in]
13.80 mm
[0.539 in]
13.00 mm
[0.512 in]
3 mm
[0.118 in]
13.90 mm
[0.547 in]
13.10 mm
[0.516 in]
THREADED BODY
MIN PANEL THICKNESS 1 mm
13.70 mm
[0.539 in]
13.00 mm
[0.512 in]
PANEL CUTOUT
A 0.1mm min. chamfer on the leading edge of the mounting hole is recommended for snap-in version.
28 Jul 21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com