Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-2D301SWB-E Datasheet(PDF) 1 Page - C&K Components

Part # AP-2D301SWB-E
Description  Industrial Pushbutton Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP-2D301SWB-E Datasheet(HTML) 1 Page - C&K Components

  AP-2D301SWB-E Datasheet HTML 1Page - C&K Components AP-2D301SWB-E Datasheet HTML 2Page - C&K Components AP-2D301SWB-E Datasheet HTML 3Page - C&K Components AP-2D301SWB-E Datasheet HTML 4Page - C&K Components AP-2D301SWB-E Datasheet HTML 5Page - C&K Components AP-2D301SWB-E Datasheet HTML 6Page - C&K Components AP-2D301SWB-E Datasheet HTML 7Page - C&K Components AP-2D301SWB-E Datasheet HTML 8Page - C&K Components AP-2D301SWB-E Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A-108
Specifications and dimensions subject to change
www.ckswitches.com
A
Features/Benefits
• IP67 sealed
• 1,000,000 life cycle
• Illumination / non-illumination
• Multiple colored caps
• Threaded or snap-in mounting
• Caps available separately
• RoHS compliant
Typical Applications
• Harsh environments
• Off-Road
• Industrial
• Medical
• Transportation
• Joystick control modules
• Gaming
• Military
Specifications
FUNCTION: SPST Momentary
CONTACT ARRANGEMENT: N.O.
MOUNTING TYPE:
Snap-in (no panel seal)
Threaded body (hex nut, lock washer, and panel seal gasket provided)
Torque spec for threaded body: Do not exceed 8-9 in-lbs (0.9-1.0 N.m)
Mechanical
OPERATING LIFE: 1,000,000 cycles
TOTAL TRAVEL: 2.1 ± 0.2 mm
OPERATING POINT 1.55 ± 0.25 mm
OVER TRAVEL: 0.6 min.
OPERATING FORCE: 4N ± 1N standard configuration; other force
option 2N ± 0.5N
VIBRATION: 10-500 Hz 10g Max
SHOCK: 60g 11ms sawtooth wave
Electrical
CONTACT RATING:
200mA @ 24 V DC resistive (500,000 cycles)
100mA @ 50 V DC resistive (500,000 cycles)
400mA @ 32 V AC resistive (500,000 cycles)
125mA @ 125 V AC resistive (1,000,000 cycles)
DIELECTRIC STRENGTH: 1000 V AC min.
INSULATION RESISTANCE: 1 G Ω @ 500 VDC
INITIAL CONTACT RESISTANCE 50 mΩ max (without wire leads)
BOUNCE TIME: <5 ms
Materials
HOUSING: PBT
BASE: PBT
CAP: PBT
ACTUATOR:
Illuminated: Clear polycarbonate
Non-illuminated: PBT
INTERNAL SEAL: Silicone rubber
TERMINALS: Copper alloy, gold over silver plating
MOVABLE CONTACT: Copper alloy, gold over silver plating
TERMINAL SEAL: Epoxy
WIRE LEADS: UL1569 Black 22 AWG
Operating Environment
OPERATING TEMPERATURE: -40˚C to 85˚C (+105˚C non-illuminated)
ESD PROTECTION: 20 KV min.
Process Environment
SEALING: IP67 for threaded body
IP65 for snap-in version (no panel seal)
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
AP
AP Series
B
E
P
A
AP Series
Industrial Pushbutton Switch
Operating Force
2
2 Newtons
4
4 Newtons
Actuator Style
D
Dome / Convex
C
Concave
E
Extended Dome
N
None
Actuator Color
0
No Cap
2
Black
3
Red
4
Orange
5
Yellow
6
Green
7
Blue
9
Gray
Illumination
00
No LED*
01
Super White
02
Bi-color; Red (Green)
03
Red
05
Amber
06
Green
07
Super Blue
08
Bi-color; Amber (Green)
* No LED available in short body only
Contact Material
B
Gold
Terminal Seal
E
Epoxy
All models are epoxy sealed
Termination
Z
Solder Lug
W
12” Wire Leads 22 AWG
C***
PC Terminals
Bushing Style**
S**
Snap-in plastic
T
Threaded plastic
**
No panel seal option
***
PC terminals not available with illumination
Contact Customer Service for additional hardware options.
Please contact Customer
Service for additional
colors and paint / laser
etched button options.
28 Jul 21


Similar Part No. - AP-2D301SWB-E

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AP-2000 TALEMA-AP-2000 Datasheet
751Kb / 2P
Precise Current Transformer
logo
California Micro Device...
AP-211 CALMIRCO-AP-211 Datasheet
630Kb / 7P
Instantly Available PCI Card Power Management
logo
TALEMA Group. LLC
AP-2500 TALEMA-AP-2500 Datasheet
751Kb / 2P
Precise Current Transformer
More results

Similar Description - AP-2D301SWB-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
C&K Components
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
Industrial Pushbutton Switch
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
Sealed Industrial Pushbutton Switch
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
Industrial Pushbutton Switch
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
Sealed Industrial Pushbutton Switch
4 May 20
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com