Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A105S1-R-NCGK Datasheet(PDF) 3 Page - C&K Components

Part # A105S1-R-NCGK
Description  1-4 Pole Rotary Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

A105S1-R-NCGK Datasheet(HTML) 3 Page - C&K Components

  A105S1-R-NCGK Datasheet HTML 1Page - C&K Components A105S1-R-NCGK Datasheet HTML 2Page - C&K Components A105S1-R-NCGK Datasheet HTML 3Page - C&K Components A105S1-R-NCGK Datasheet HTML 4Page - C&K Components A105S1-R-NCGK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
K–5
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
K
20 Apr 21
A Series
1-4 Pole Rotary Switches
ACTUATOR
MOUNTING STYLE
SHORTING/NON-SHORTING CONTACTS
METRIC BUSHING
PANEL MOUNTING
3/8 IN. BUSHING
PANEL MOUNTING
TYPICAL INSTALLATION
NUT
LOCKWASHER
Maximum force to
push on knob should
not exceed 10 lbs.
S  SHORTING CONTACTS (make-before-break)
N  NON-SHORTING CONTACTS (break-before-make)
R  3/8-32 THREAD
M  M10 x .75 METRIC
S1 SCREWDRIVER SLOT
42 1.654” METRIC
15 1.500” HIGH
14 1.500” HIGH
05 .500” HIGH
03 .375” HIGH
Install switch with stop ring (if used) and
lockwasher in back of panel. Tighten hex nut
from front of panel.
On PC mounted switches, use hex nut and
lockwasher to hold stop ring in place.
Actuation torque: 8–16 oz./in.
Maximum torque: 30 oz./in.
NOTE: ‘S’ shorting contacts are not available with A114, A124 and A214 models.
NOTE: Actuators shown in position 1, fully CCW.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com