Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A105S1-R-NCGK Datasheet(PDF) 4 Page - C&K Components

Part # A105S1-R-NCGK
Description  1-4 Pole Rotary Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

A105S1-R-NCGK Datasheet(HTML) 4 Page - C&K Components

  A105S1-R-NCGK Datasheet HTML 1Page - C&K Components A105S1-R-NCGK Datasheet HTML 2Page - C&K Components A105S1-R-NCGK Datasheet HTML 3Page - C&K Components A105S1-R-NCGK Datasheet HTML 4Page - C&K Components A105S1-R-NCGK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
K
K–6
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
20 Apr 21
A Series
1-4 Pole Rotary Switches
PC MOUNTING
4P MODEL
SP MODEL (omit terminals B, C & D)
DP MODEL (omit terminals B & D)
3P MODEL
Z  SOLDER LUG
MC  MODULAR BASE (for wave soldering)
C  PC THRU-HOLE
NOTE: Switches with ‘C’ or ‘MC’ terminations have additional terminal no. 9 as switch support only. This terminal
is not connected electrically inside switch. Solder and clean switch base on PC board with other components, then
snap on housing/actuator assembly. See page K-7 for installation instructions.
CONTACT MATERIAL
TERMINATIONS
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
1 MOVABLE CONTACTS: Copper alloy, with gold plate over nickel plate.
STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate.
2 MOVABLE CONTACTS: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Brass, silver plated (standard with all
termination options).
3 MOVABLE CONTACTS: Coin silver, with gold plate over nickel plate over silver plate.
STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate
over silver plate.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q” contact materials.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
Option
Code
Contact & Terminal
Material
Typical Usage
Rating
Cycles
Q
Silver2
Power
SWITCH – 2.5 AMPS @ 125 VAC; 1 AMP @ 250 VAC (UL/CSA)
CARRY – 5 AMPS CONTINUOUS
6,000
SWITCH – 350 mA @ 125 VDC (UL/CSA)
CARRY – 5 AMPS CONTINUOUS
15,000
B
Gold1
Low level/ Dry circuit
0.4 VA MAX. @ 20 V AC OR DC MAX
15,000
G
Gold over silver3
Low level/ Dry circuit
or power
0.4 VA MAX. @ 20 V AC OR DC MAX
15,000
SWITCH – 350 mA @ 125 VDC (UL/CSA)
CARRY – 5 AMPS CONTINUOUS
15,000
SWITCH – 2.5 AMPS @ 125 VAC; 1 AMP @ 250 VAC (UL/CSA)
CARRY – 5 AMPS CONTINUOUS
6,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com