Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A105S1-R-NCGK Datasheet(PDF) 5 Page - C&K Components

Part # A105S1-R-NCGK
Description  1-4 Pole Rotary Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

A105S1-R-NCGK Datasheet(HTML) 5 Page - C&K Components

  A105S1-R-NCGK Datasheet HTML 1Page - C&K Components A105S1-R-NCGK Datasheet HTML 2Page - C&K Components A105S1-R-NCGK Datasheet HTML 3Page - C&K Components A105S1-R-NCGK Datasheet HTML 4Page - C&K Components A105S1-R-NCGK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
K–7
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
K
20 Apr 21
A Series
1-4 Pole Rotary Switches
FUNCTION
AVAILABLE HARDWARE
SPLASHPROOF
BUSHING SEAL
(FIG. 1)
(FIG. 2)
(FIG. 3)
REMOVABLE CLIP
LOCATING
TAB
STANDOFF
K EPOXY & SPLASHPROOF BUSHING SEAL
F SPLASHPROOF BUSHING SEAL
NONE NO SEAL
E  EPOXY SEAL
Stop ring
PART NO.
767B00201
Material: Brass
Finish: Nickel plated
Setting Stops on A112 and A125 Models
The number of switch positions is adjustable on A112
and A125 models only by means of a stop ring provided
with each switch. The number of positions is pre-set on
all other models and the stop ring is factory installed.
Soldering
1. Insert switch base only into PC board.
2. Do not bend terminals.
3. Wave soldering recommended at
500F solder temperature.
4. Hand solder at 500F, 10 sec.
max./terminal.
Switch Assembly
1. Hold housing/shaft assembly by housing. Remove
protective cap by squeezing tabs and discard. (FIG. 1)
2. Do not push on switch shaft. Detent mechanism will
come apart.
3. While holding switch housing, align locating tab on
base with notch on housing and engage 4 housing
latches in slots on base. (FIG. 2)
4. Push firmly on housing until latches snap in place.
5. Remove clip from shaft and discard. Assembly is
complete. (FIG. 3)
Cleaning
1. Flux clean using vapor degreaser and forced
rinse or triple bath method.
2. Do not allow switch base to ‘trap’ fluids.
3. Freon TMC, TF or Methylene Chloride give
excellent results.
To set stops: Turn shaft fully counter-clockwise and
insert stop ring tab in desired hole. Install lockwash-
er and nut to retain stop ring for both PC and panel
mounting. Switch without stop ring has 12 positions.
Soldering, Cleaning and Assembly Instructions for ‘MC’ Termination Option



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com