| Electronic Components Datasheet Search |
|
CYUSB2014-BZXI Datasheet(PDF) 73 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYUSB2014-BZXI Datasheet(HTML) 73 Page - Infineon Technologies AG |
|
73 / 82 page ![]() Datasheet 73 001-52136 Rev. *Y 2022-08-11 EZ-USB FX3 SuperSpeed USB Controller Errata 7.Low Power U1 Fast-Exit Issue with USB3.0 host controller. Problem definition When FX3 device transitions from Low power U1 state to U0 state within 5 µs after entering U1 state, the device sometimes fails to transition back to U0 state, resulting in USB Reset. Parameters affected NA Trigger condition(s) This condition is triggered during low power transition mode. Scope of impact Unexpected USB warm reset during data transfer. Workaround This problem can be worked around in the FW by disabling LPM (Link Power Management) during data transfer. Fix status FW workaround is proven and reliable. 8.USB data corruption when operating on hosts with poor link quality. Problem definition If FX3 is operating on a USB 3.0 link with poor signal quality, the device could send corrupted data on any of the IN endpoints (including the control endpoint). Parameters affected NA Trigger condition(s) This condition is triggered when the USB3.0 link signal quality is very poor. Scope of impact Data corruption in any of the IN endpoints (including the control endpoint). Workaround The application firmware should perform an error recovery by stalling the endpoint on receiving CYU3P_USBEPSS_RESET_EVT event, and then stop and restart DMA path when the CLEAR_FEATURE request is received. Note: SDK versions 1.3.3 and above internally manages the DMA transfers and performs the endpoint reset when potential error conditions are seen. For more details in application firmware, please refer to GpiftoUsb example available with SDK. Fix status FW Work-around is proven and reliable. 9.Device treats Rx Detect sequence from the USB 3.0 host as a valid U1 exit LFPS burst. Problem definition The USB 3.0 PHY in the FX3 device uses an electrical idle detector to determine whether LFPS is being received. The duration for which the receiver does not see an electrical idle condition is timed to detect various LFPS bursts. This implementation causes the device to treat an Rx Detect sequence from the USB host as a valid U1 exit LFPS burst. Parameters affected NA Trigger condition(s) This condition is triggered when the USB host is initiating an Rx Detect sequence while the USB 3.0 Link State Machine on the FX3 is in the U1 state. Since the host will only perform Rx Detect sequence in the RX Detect and U2 states, the error condition is seen only in cases where the USB link on the host has moved into the U2 state while the link on FX3 is in the U1 state. Scope of impact FX3 moves into Recovery prematurely leading to a Recovery failure followed by Warm Reset and USB re-enumeration. This sequence can repeat multiple times resulting in data transfer failures. Workaround FX3 can be configured to transition from U1 to U2 a few microseconds before the host does so. This will ensure that the link will be in U2 on the device side before the host attempts any Rx Detect sequence; thereby preventing a false detection of U1 exit. Fix status Workaround is implemented in FX3 SDK library 1.3.4 and above. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |