Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYUSB2014-BZXI Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # CYUSB2014-BZXI
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB2014-BZXI Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button CYUSB2014-BZXI Datasheet HTML 74Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 75Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 76Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 77Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 78Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 79Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 80Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 81Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 82Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
Datasheet
80
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
Revision history
*W
2018-09-25
Updated Features:
Updated description.
Updated More information:
Updated description.
Updated Functional overview:
Updated description.
Updated USB interface:
Removed “EZ-Dtect”.
Updated JTAG interface:
Updated description.
Updated Other interfaces:
Updated I2S interface:
Updated description.
Updated Boot options:
Updated description.
Updated Power:
Updated description.
Updated
Table 6.
Updated Pin configurations:
Updated Figure 6.
Updated Figure 7.
Updated Pin description:
Updated Table 7.
Updated Electrical specifications:
Updated DC specifications:
Updated Table 8.
Added Table 9.
Added Thermal characteristics.
Updated AC timing parameters:
Added GPIF II lines AC characteristics at 100 MHz.
Added GPIF II PCLK jitter characteristics.
Updated Errata:
Updated description.
Updated Errata summary:
Updated description.
Updated details in “Silicon Revision” column for all items in the table.
Added items “Low Power U1 Fast-Exit Issue with USB3.0 host controller.”,
“USB data corruption when operating on hosts with poor link quality.”,
“Device treats Rx Detect sequence from the USB 3.0 host as a valid U1 exit
LFPS burst.”, “I2C Data Valid (tVD:DAT) specification violation at 400 kHz
with a 40/60 duty cycle.” and their corresponding details in the table.
*X
2018-12-17
Updated Pin description:
Updated Table 7.
Updated Errata:
Updated Errata summary:
Updated description.
Added item “FX3 Device does not respond correctly to Port Capability
Request from Host after multiple power cycles.” and its corresponding
details in the table.
Document
revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com