Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397MF/NOPB Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # LM397MF/NOPB
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LM397MF/NOPB Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button LM397MF/NOPB Datasheet HTML 18Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 19Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 20Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 21Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 22Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 23Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 24Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 25Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
User Manual
22 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
Figure 18 Schematic of the 3-phase inverter section using CIPOS™ mini IPM on Eval-M3-CM615PN
5.2.1
DC bus sensing and MCEWizard configuration
Pin 14 and pin 26 of connector J3 provide access to the DC-link voltage DCBsense. Three possible feedback
cases are associated with these pins. Figure 19 provides the DC bus sense resistor details. By default, the
resistor R25 is not mounted on Eval-M3-CM615PN. There must be a pull-down resistor mounted on the
corresponding controller board.
Figure 19 DC bus sense resistor on Eval-M3-CM615PN evaluation board
If a pull down resistor of 13.3 kΩ referred to ground is inserted either on the Eval-M3-CM615PN evaluation
board or on the control board, the DCBSense voltage results in the range of 0 to 3.3 V on the pin reflecting a DC
bus voltage range of 0 to 420 V.If a pull down resistor of 13.3 kΩ is inserted on both, Eval-M3-CM615PN
evaluation board and on the control card, the DCBSense results scale to 0-1.65 V. No safety issue occurs. If no
feedback is desired on the DCBSense pin, R23 or R24 should be removed to avoid high voltage on the
connector.
C23
105
C22
472
+3.3V
ITRIP: 470mV / 30mOhm = 15.67A peak
ITRIP
R35
9.1k,1%
VFO
R36
10k, 1%
C19
0.1uF, 25V
VCC
W
V
U
VB1
VB2
VB3
1
2
3
J4
VS2
VS3
VS1
PWMWL
PWMWH
PWMVL
PWMVH
PWMUL
PWMUH
RS2
0.03,1W
+3.3V
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
I_U+
VCC
VTH
R26
100R
R27
100R
R28
100R
R29
100R
R30
100R
R31
100R
I_Shunt
High Voltage
C12
22uF, 25V
C14
22uF, 25V
C16
22uF, 25V
C20
0.1uF, 630V
PFC_Shunt-
PFC_Shunt+
PFCGK
VAC-
VAC+
I_Shunt
+
E2
330μF, 450V
GateKill
C11
0.1uF, 25V
C13
0.1uF,25V
C15
0.1uF,25V
DCBSense
VTH
VTH
R37
DNI
I_U-
I_U+
R33
DNI
R32
100R
C21
223
R34
DNI
VFO
VFO
PFC_PWM
C32
10uF
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
C33
1nF
C34
1nF
C35
1nF
C36
1nF
C37
1nF
C38
1nF
C18
100uF,25V
+3.3V
IPFC+
IPFC-
DCBSense
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
2
4
1
3
5
UH
UL
VH
VL
WH
WL
IU+
IU-
IV+
IV-
IW+
IW-
GK
VTH
GND
VDD
PFCG1
IPFC+
+15V
GND
VDD
DCB
VDD
DCB
PFCG0
GND
VAC+
VAC-
IPFC-
PFCGK
J3
iMOTION MADK M3 Connector
DCP
U
20
V
19
VS(U)
1
VS(V)
3
VS(W)
5
VDD
13
VB(U)
2
VB(V)
4
VB(W)
6
HIN1
7
HIN2
8
HIN3
9
LIN1
10
LIN2
11
LIN3
12
ITRIP
15
VFO
14
VSS
16
NTC
VSS
ITRIP
VDD
HIN1
HIN2
HIN3
LIN1
LIN3
LIN2
W
18
N
17
P
21
VFO
VB3
VB2
VB1
LO3
LO2
LO1
HO3
HO2
HO1
VS3
VS2
VS1
VS1
VS2
VS3
CIPOS IPM
Inverter section
U4B
PFC_PWM
DCBsense
R24
1.00M, 1%
R23
1.00M, 1%
R25
DNI
DCBSense
DCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com