Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397MF/NOPB Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # LM397MF/NOPB
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LM397MF/NOPB Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button LM397MF/NOPB Datasheet HTML 2Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 3Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 4Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 5Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 6Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 7Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 8Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 9Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
User Manual
6 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-CM615PN main features
3
EVAL-M3-CM615PN main features
Eval-M3-CM615PN is an evaluation board for motor drive applications with single phase PFC integrated 3 phase
IPM. Combined in a kit with one of the available MADK control board options, it demonstrates Infineon’s motion
control IC and IPM technology for motor drives with single phase PFC.
Main features of CIPOS™ Mini IPM IFCM15P60GD are:
• 3 half bridges with TRENCHSTOP™ IGBT3 15A/600V and antiparallel diodes for inverter section
• 30A/650V TRENCHSTOP™ 5 IGBT and rapid switching emitter controlled diode for PFC section
• Lead-free terminal plating; RoHS compliant
• Very low thermal resistance due to DCB
• Rugged SOI gate driver technology with stability against transient and negative voltage
• Negative potential allowed up to VS =-11V for single transmission at VBS=15V
• Integrated bootstrap functionality
• Overcurrent shutdown
• Temperature monitor
• Undervoltage lockout at all channels
• Low side common emitter
• Cross conduction prevention
• All six switches turn off during protection
The evaluation board characteristics are:
• Input voltage 160~265VAC
• Maximum 650W motor power output
• Power Factor Correction
• On board EMI filter
• Current sensing with single shunt
• Auxiliary power supply with 15V, 3.3V
• Overcurrent protection
• Overtemperature hardware protection
• Sensing of DC-link voltage
• Thermistor output
• Fault diagnostic output
• Measurement test-points compatible to standard oscilloscope probes
• PCB is 120 mm × 120 mm and has two layers with 35μm copper each
• RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com