Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397MF/NOPB Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # LM397MF/NOPB
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LM397MF/NOPB Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button LM397MF/NOPB Datasheet HTML 6Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 7Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 8Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 9Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 10Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 11Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 12Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 13Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
User Manual
10 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-CM615PN main features
S. No.
Pin
Details
1
U
Connected to motor phase U
2
V
Connected to motor phase V
3
W
Connected to motor phase W
Table 6 provides the pin assignments of the 30 pins iMOTION™MADK-M3 interface connector J3. This connector
is the interface to the controller board.
Table 6
J3 - iMOTION™MADK-M3 30 pin interface connector for controller board
Pin
Name
Pin Name Connectors
1
PWMUH
3.3 V compatible logic input for high side gate driver-Phase U
2
GND
Ground
3
PWMUL
3.3 V compatible logic input for low side gate driver-Phase U
4
GND
4 GND Ground
5
PWMVH
3.3 V compatible logic input for high side gate driver-Phase V
6
+3.3V
On board 3.3 V supply
7
PWMVL
3.3 V compatible logic input for low side gate driver-Phase V
8
+3.3V
On board 3.3 V supply
9
PWMWH
3.3 V compatible logic input for high side gate driver-Phase W
10
I_U
Positive Current sense output
11
PWMWL
3.3 V compatible logic input for low side gate driver-Phase W
12
I_U-
Negative current sense output or Ground
13
GK
Gate kill signal – active low when overcurrent is detected
14
DCBSense
DC bus positive voltage, scaled in 0-3.3 V range by a voltage divider
15
VTH
Thermistor Output
16
I_V
Not used
17
I_V-
Not used
18
I_W
Not used
19
I_W-
Not used
20
VCC
15 V Power Supply
21
PFCG0
3.3 V compatible logic input for PFC gate driver IC
22
GND
Ground
23
PFCG1
Not used
24
+3.3V
On board 3.3 V supply
25
PFCGK
PFC Gate kill signal – active low when PFC overcurrent is detected
26
DCBSense
DC bus positive voltage, scaled in 0-3.3 V range by a voltage divider
27
VAC+
AC voltage sensing positive cycle
28
VAC-
AC voltage sensing negative cycle
29
IPFC+
PFC current sensing positive
30
IPFC-
PFC current sensing negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com