Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56604CDFM Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F56604CDFM
Description  120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56604CDFM Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F56604CDFM Datasheet HTML 45Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 46Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 47Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 48Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 49Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 50Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 51Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 52Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
RX660 Group
1. Overview
R01DS0393EJ0100 Rev.1.00
Page 49 of 123
Mar 18, 2022
1.6.4
64-Pin LFQFP
Table 1.8
List of Pin and Pin Functions (64-Pin LFQFP) (1/3)
Pin No.
Power Supply
Clock
System Control
I/O Port
Timer
Communication
Interrupt
A/D, D/A,
CMPC
64-Pin
LFQFP
(MTU, TMR, RTC,
POE, CAC, CMTW)
(SCI, RSCI, RSPI,
RIIC, CANFD, REMC) (IRQ, NMI)
1
P03
IRQ11
DA0
2VCL
3
MD/FINED
PN6
4
XCIN*1
PH7*2
5
XCOUT*1
PH6*2
6
RES#
7XTAL
P37
IRQ4
8
VSS
9
EXTAL
P36
IRQ5
10
VCC
11
P35
NMI
12
P32
MTIOC0C/TMO3/
RTCIC2*3/RTCOUT*3/
POE0#/POE10#
TXD6/SMOSI6/
SSDA6/CTX0-A
IRQ2-DS
13
P31
MTIOC4D/TMCI2/
RTCIC1*3
CTS1#/RTS1#/SS1#
IRQ1-DS
14
P30
MTIOC4B/TMRI3/
RTCIC0*3/POE8#
RXD1/SMISO1/
SSCL1
IRQ0-DS
COMP3
15
P27
MTIOC2B/TMCI3
SCK1
IRQ7
CVREFC3
16
P26
MTIOC2A/TMO1
TXD1/SMOSI1/
SSDA1/CTS3#/
RTS3#/SS3#
IRQ6
CMPC30
17
P17
MTIOC3A/MTIOC3B/
TMO1/POE8#/
MTIOC4B
SCK1/TXD3/SMOSI3/
SSDA3/MISOA-C/
SDA2
IRQ7
COMP2
18
P16
MTIOC3C/MTIOC3D/
TMO2/RTCOUT*3
TXD1/SMOSI1/
SSDA1/RXD3/
SMISO3/SSCL3/
MOSIA-C/SCL2
IRQ6
ADTRG0#
19
P15
MTIOC0B/MTCLKB/
TMCI2
RXD1/SMISO1/
SSCL1/SCK3/
CRX0-C
IRQ5
CMPC20
20
P14
MTIOC3A/MTCLKA/
TMRI2
CTS1#/RTS1#/SS1#/
CTX0-C
IRQ4
CVREFC2
21
PH3
MTIOC4D/TMCI0
22
PH2
MTIOC4C/TMRI0/
TOC1
IRQ1
23
PH1
MTIOC3D/TMO0/TIC1
IRQ0
ADST0
24
PH0
MTIOC3B/CACREF
ADTRG0#
25
P55
MTIOC4D/MTIOC4A/
TMO3
CRX0-D
IRQ10
26
P54
MTIOC4B/TMCI1
CTX0-D
IRQ4
27
UB
PC7
MTIOC3A/MTCLKB/
TMO2/CACREF/TOC0
TXD8/SMOSI8/
SSDA8/SMOSI10/
SSDA10/TXD10/
TXD010-C/
SMOSI010-C/
SSDA010-C/MISOA-A
IRQ14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com