Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56604CDFM Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F56604CDFM
Description  120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56604CDFM Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F56604CDFM Datasheet HTML 10Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 11Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 12Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 13Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 14Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 15Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 16Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 17Page - Renesas Technology Corp R5F56604CDFM Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
RX660 Group
1. Overview
R01DS0393EJ0100 Rev.1.00
Page 14 of 123
Mar 18, 2022
Figure 1.1
How to Read the Product Part Number
R
5
F
5 66 09
A
D
F B #3 0
Product identification code
Packing
#1, #3: Tray (LFQFP)
Package type, number of pins, and pin pitch
FB : LFQFP/144/0.50
FP : LFQFP/100/0.50
FN: LFQFP/80/0.50
FM: LFQFP/64/0.50
FL : LFQFP/48/0.50
D : Operating peripheral temperature: –40 to +85°C
G : Operating peripheral temperature: –40 to +105°C
A : Without JTAG interface, without sub-clock oscilla-
tor, only CAN 2.0 protocol supported
B : Without JTAG interface, without sub-clock oscilla-
tor, CAN FD protocol supported
C : Without JTAG interface, with sub-clock oscillator,
only CAN 2.0 protocol supported
D : Without JTAG interface, with sub-clock oscillator,
CAN FD protocol supported
E : With JTAG interface, without sub-clock oscillator,
only CAN 2.0 protocol supported
F : With JTAG interface, without sub-clock oscillator,
CAN FD protocol supported
G : With JTAG interface, with sub-clock oscillator, only
CAN 2.0 protocol supported
H : With JTAG interface, with sub-clock oscillator,
CAN FD protocol supported
Code flash memory, RAM, and data flash memory
capacity
9 : 1 Mbyte/128 Kbytes/32 Kbytes
4 : 512 Kbytes/128 Kbytes/32 Kbytes
Group name
RX660 Group
Series name
RX600 Series
Type of memory
F : Flash memory version
Renesas MCU
Renesas semiconductor product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com