Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRG011ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STNRG011ATR
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STNRG011ATR Datasheet HTML 5Page - STMicroelectronics STNRG011ATR Datasheet HTML 6Page - STMicroelectronics STNRG011ATR Datasheet HTML 7Page - STMicroelectronics STNRG011ATR Datasheet HTML 8Page - STMicroelectronics STNRG011ATR Datasheet HTML 9Page - STMicroelectronics STNRG011ATR Datasheet HTML 10Page - STMicroelectronics STNRG011ATR Datasheet HTML 11Page - STMicroelectronics STNRG011ATR Datasheet HTML 12Page - STMicroelectronics STNRG011ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IVcc_charge
ON-state VCC charge
current
VVAC > 100 V
VccCoreOn < VCC < 14 V
mA
-
-5
-
VVAC > 100 V
14 V < VCC < VccOn
-
-3.5
-
40 V < VVAC < 100 V
VccCoreOn < VCC < 14 V
-
-18
-
40 V < VVAC < 100 V
14 V < VCC < VccOn
-
-8
-
IVAC_off
OFF-state VAC input current VVAC = 400 V, VCC > VccOn
-
20
40
µA
IVAC_HV_SINK
VAC reading improvement
current
VVAC = 100 V
-
100
-
µA
PFC - gate-driver
VOL
Output low voltage
Isink = 100 mA
-
-
0.7
V
VOH
Output high voltage
Isource = -10 mA
VCC = 10 V,
VCC = 18 V
9.85
17.9
9.95
17.95
-
-
V
Isrcpk
Peak source current
Cgate = 4.7 nF(2)
-0.7
-1.1
-
A
Isnkpk
Peak sink current
Cgate = 4.7 nF(2)
0.8
1.3
-
A
tf
Voltage fall time
-
-
25
-
ns
tr
Voltage rise time
-
-
30
-
ns
PFC_GD_uvlo
UVLO saturation
VCC = 0 to VccOn, Isink = 1 mA
-
0.9
1.15
V
Low-side gate-driver (voltages referred to GND)
VOL
Output low voltage
Isink = 100 mA
-
-
0.7
V
VOH
Output high voltage
Isource = -10 mA
VCC = 10 V
VCC = 18 V
9.85
17.85
9.9
17.9
-
-
V
Isrcpk
Peak source current
Cgate = 4.7 nF(2)
-0.5
-0.8
-
A
Isnkpk
Peak sink current
Cgate = 4.7 nF(2)
0.75
1.2
-
A
tf
Voltage fall time
-
-
25
-
ns
tr
Voltage rise time
-
-
40
-
ns
LVG_uvlo
UVLO saturation
VCC = 0 to VccOn, Isink = 1 mA
-
0.9
1.1
V
High-side gate-driver (voltages referred to FGND)
VOL
Output low voltage
Isink = 100 mA
-
-
0.7
V
VOH
Output high voltage
Isource = -10 mA VBOOT= 10 V,
VBOOT = 18 V
9.85
17.85
9.9
17.9
-
-
V
Isrcpk
Peak source current
Cgate = 4.7 nF(2)
-0.5
-0.8
-
A
Isnkpk
Peak sink current
Cgate = 4.7 nF(2)
0.75
1.2
-
A
tf
Voltage fall time
-
-
25
-
ns
tr
Voltage rise time
-
-
40
-
ns
STNRG011A
Electrical characteristics
DS13973 - Rev 2
page 9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com