Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRG011ATR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STNRG011ATR
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011ATR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STNRG011ATR Datasheet HTML 6Page - STMicroelectronics STNRG011ATR Datasheet HTML 7Page - STMicroelectronics STNRG011ATR Datasheet HTML 8Page - STMicroelectronics STNRG011ATR Datasheet HTML 9Page - STMicroelectronics STNRG011ATR Datasheet HTML 10Page - STMicroelectronics STNRG011ATR Datasheet HTML 11Page - STMicroelectronics STNRG011ATR Datasheet HTML 12Page - STMicroelectronics STNRG011ATR Datasheet HTML 13Page - STMicroelectronics STNRG011ATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
HVG_pdw
HVG-FGND pull-down
resistor
-
-
25
-
kΩ
IFGND
Current from VBOOT to
FGND
VBOOT = 200 V
-
1.5
-
µA
X-CAP discharge
XCD_inact_time
Inactivity detection time
-
-
50
-
ms
IXCD
Discharge current
-
4
-
-
mA
Brown-in/out
BI
TH
Vline rising
112
114
116
V
BO
Vline falling
-
108
-
V
BIBO_H
HYST
-
5.25
6
6.75
V
BO_mask
Brown-out time
-
-
45
-
ms
Overtemperature (by design)
OTP
TH
T rising
130
140
150
°C
HYST
T falling
-
-30
-
°C
CK
Fck
System clock in run mode
-
57
60
63.7
MHz
ADC
ADC_res
Resolution
Vin ADC > 50 mV
-
10
-
bit
FSR_L
Conversion range
CS
0
-
1.5
V
FSR_H
Other
0
-
2.5
V
DNL
Differential non linearity
Vin ADC > 50 mV
-
±1.5
-
lsb
Fck_ADC
Clock frequency
Vin ADC > 50 mV
-
15
-
MHz
Ts
Sampling time
Vin ADC > 50 mV
-
7
-
ADC
Ck cycles
Tc
Total conversion time
(sampling included)
Vin ADC > 50 mV
-
18
-
ADC
Ck cycles
Comparators
PFC_CS RECOT(3)
TH RISING (DAC 6 bits)
Input pin PFC_CS
FSR = 125
STEP = 1.95
mV
HYST
5
PFC_CS OC1
TH RISING
Input pin PFC_CS
-
500
-
mV
TH FALLING
-
450
-
PFC_CS OC2
TH RISING
Input pin PFC_CS
-
900
-
mV
TH FALLING
-
850
-
PFC_ZCD ZCD(3)
TH FALLING (TH_F)
Input pin PFC_ZCD
0/50/100/200
mV
TH RISING (TH_R)
210/110(4)/310/ TH_F +10
PFC_FB OVP
TH RISING
Input pin PFC_FB
-
2.33
-
V
HYST
-
75
-
mV
LLC_FB(3) BURST
TH RISING
Input pin LLC_FB
0.75/1/1.25
V
HYST
5/10
mV
LLC_FB SHUTDOWN TH RISING
Input pin LLC_FB
-
145
-
mV
STNRG011A
Electrical characteristics
DS13973 - Rev 2
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com