Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STNRG011ATR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STNRG011ATR
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011ATR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STNRG011ATR Datasheet HTML 8Page - STMicroelectronics STNRG011ATR Datasheet HTML 9Page - STMicroelectronics STNRG011ATR Datasheet HTML 10Page - STMicroelectronics STNRG011ATR Datasheet HTML 11Page - STMicroelectronics STNRG011ATR Datasheet HTML 12Page - STMicroelectronics STNRG011ATR Datasheet HTML 13Page - STMicroelectronics STNRG011ATR Datasheet HTML 14Page - STMicroelectronics STNRG011ATR Datasheet HTML 15Page - STMicroelectronics STNRG011ATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
7
Safety data
Table 5. X-Cap discharge safety data according to IEC 62368
Parameter
Value
Maximum line voltage
240 Vrms + 10%
Overvoltage category
II
External capacitor value
0.1 μF - 2.2 μF
Series resistor value
20 Ω - 100 Ω
STNRG011A
Safety data
DS13973 - Rev 2
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com