Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL-Q5MB2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # TL-Q5MB2
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB2 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button TL-Q5MB2 Datasheet HTML 2Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 3Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 9Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TL-N/TL-Q
6
Sensing Object Size vs. Sensing Distance
TL-Q5MC
@
Influence of Sensing Object Size and Material
TL-Q2MC1
TL-Q5M
@@
TL-N5
@
TL-N7MD
@
TL-N12MD
@
TL-N20MD
@
7
6
5
4
3
2
1
0
10
20
30
40
t = 1 mm
X
Side length of sensing object: d (mm)
d
×
d
4
3
2
1
0
10
20
30
40
50
60
X
d
×
d
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Copper
Brass
6
5
4
3
2
1
0
5
10
15
20
25
30
35
40
45
X
d
×
d
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
6
5
4
3
2
1
0
10
20
30
40
50
60
70
80
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
10
8
6
4
2
0
10
20
30
40
50
60
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Copper
Brass
14
12
10
8
6
4
2
0
10
20
30
40
50
60
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Aluminum
Iron
Copper
Brass
Stainless steel
(SUS304)
24
20
16
12
8
4
0
10
20
30
40
50
60
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Aluminum
Iron
Copper
Brass
Stainless steel
(SUS304)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com