Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL-Q5MB2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # TL-Q5MB2
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  TL-Q5MB2 Datasheet HTML 1Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 2Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 3Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
TL-N/TL-Q
Engineering Data (Reference Value)
Sensing Area
TL-Q2MC1
TL-Q5M
@@
TL-N
@ME@
TL-N
@MY@
Leakage Current
TL-N
@MD@
TL-N
@MY
Residual Output Voltage
TL-N
@MD
TL-N
@MY at 100 VAC
TL-N
@MY at 200 VAC
4
3
2
1
0
−8
−6
−4
−2
0
2
4
6
Y
X
Distance Y (mm)
Sensing Head
5
4
3
2
1
0
−8 −6
−4 −2
0
2
4
6
8
Y
X
Distance Y (mm)
Sensing Head
TL-N5
TL-N10
20
15
10
5
0
TL-N20
−25 −20 −15 −10
−5
0
5
10
15
20
Y
X
Distance Y (mm)
TL-N5 Sensing Head
TL-N10 Sensing Head
TL-N20 Sensing Head
TL-N7MD
@
20
15
10
5
0
-25
-20
-15 -10
-5
0
5
10
15
20
TL-N12MD
@
TL-N20MD
@
Y
X
Distance Y (mm)
TL-N7MD
@ Sensing Head
TL-N12MD
@ Sensing Head
TL-N20MD
@ Sensing Head
2.0
1.5
1.0
0.5
0
80 100 120 140 160 180 200 220 240 260
mA
V
Power supply voltage (V)
AC
power
50/60
Hz
Protective resistance
Proximity Sensor
(output OFF)
5
4
3
2
1
0
3
5
10
30 50 100
300 500 1,000
Load current (mA)
A
100
80
60
40
20
0
3
5
10
20
30 50 100 200
OFF
100 VAC
V
ON
Load current (mA)
Residual
load voltage
Residual output voltage
200
160
120
80
40
0
OFF
3
5
10
20
50
100 200
V
A
200 VAC
ON
Load current (mA)
Residual
load
voltage
Residual output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com