Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL-Q5MB2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # TL-Q5MB2
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button TL-Q5MB2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 9Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 10Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 11Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
TL-N/TL-Q
Accessories (Order Separately)
Mounting Bracket
*1. These are the mounting dimensions of the base of the Mounting Bracket.
*2. Provided with the product.
Mounting Brackets for Wiring Conduit Use (Sold Separately)
31.8
30
1
40
40
8
30
±0.45
47
Two, 5.5 dia.
53
25
30
±0.2
Rubber bushing
*1
Indicator *2
*1. D/Y Models: 6-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.9 mm), Standard length: 2 m
E Models: 6-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.9 mm), Standard length: 2 m
*2. D1 Models: Operation indicator (red) and Setting indicator (green)
D2 Models: Operation indicator (red)
E Models:
Detection indicator (red)
Y Models:
Operation indicator (red)
Two, 5.5-dia. or M5 holes
12 dia.
10 dia.
TL-N20MD
@, TL-N20ME@, TL-N20MY@
Mounting Hole Dimensions
Y92E-C5
*1
Two, M4
12
±0.2
18
±0.2
6.5
4.5
2.3
9.5
25
3.5
20
32
Applicable Models: TL-N5ME
@ *2
Applicable Models: TL-N5MY
@
Applicable Models: TL-N7MD
@ *2
Material: Mounting Bracket: Zinc-plated iron
Mounting Pan-head Phillips Screws:
Nickel-plated iron
(Size: M4, Length: 25 mm)
Y92E-C10
Two, M4
*1 16
±0.2
22
±0.2
7
4.5
2.3
14.5
30
4
18
34
20
Applicable Models: TL-N10ME
@ *2
Applicable Models: TL-N10MY
@
Applicable Models: TL-N12MD
@ *2
Material: Mounting Bracket: Zinc-plated iron
Mounting Pan-head Phillips Screws:
Nickel-plated iron
(Size: M4, Length: 30 mm)
Y92E-C20
Two, M5
*1 22
±0.2
30
±0.2
9
5.5
3.2
24
40
6
19.5
35
Applicable Models: TL-N20ME
@ *2
Applicable Models: TL-N20MY
@
Applicable Models: TL-N20MD
@ *2
Material: Mounting Bracket: Zinc-plated iron
Mounting Pan-head Phillips Screws:
Nickel-plated iron
(Size: M5, Length: 40 mm)
Y92E-N5C15
Two, 4.3 dia.
11
±0.2
18
±0.3
3.5
2.3
5
23.8
2.3
18
25
C15 conduit screw, JIS-B-0204
Applicable Models: TL-N5ME
@
Applicable Models: TL-N5MY
@
Applicable Models: TL-N7MD
@
Material: Zinc-plated iron
Y92E-N10C15
Two, 4.3 dia.
13
±0.2
22
±0.3
3.5
2.3
5.5
24.3
2.3
21
30
C15 conduit screw, JIS-B-0204
Applicable Models: TL-N10ME
@
Applicable Models: TL-N10MY
@
Applicable Models: TL-N12MD
@
Material: Zinc-plated iron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com