Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2H-CPU65 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CJ2H-CPU65
Description  Flagship PLCs with Built-in Multifunctional Ethernet Port
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2H-CPU65 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CJ2H-CPU65 Datasheet HTML 7Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 8Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 9Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 10Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 11Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 12Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 13Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 14Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
CJ2H-CPU6
@-EIP
Unit Version 1.1 or Later
CX-Programmer version 8.1 or higher must be used to enable using the functions added for unit version 1.1.
Note: User programs that use functions of CJ2H CPU Units with unit version 1.1 or later cannot be used with CJ2H CPU Units with unit version
1.0. If an attempt is made to transfer a program that uses any of these functions from the CX-Programmer to a CPU Unit with unit version
1.0, an error will be displayed and it will not be possible to download to the CPU Unit. If a program file (extension: .OBJ) that uses any of
these functions is transferred to a CPU Unit with unit version 1.0, a program error will occur when operation starts or when the function starts
and operation of the CPU Unit will stop.
Unit Versions and Programming Devices
The following tables show the relationship between unit versions and CX-Programmer versions.
Unit Versions and Programming Devices
*1. It is not necessary to upgrade the version of the CX-Programmer if functionality that was enhanced for the upgrade of the CPU Unit will not be
used.
*2. CX-Programmer version 8.2 or higher is required to use the added functions in CJ2H CPU Units (CJ2H-CPU6@-EIP) with unit version 1.1.
However only High-speed interrupt function and Changing the minimum cycle time setting in MONITOR mode are supported in CX-
Programmer version 8.02.
*3. A Programming Console cannot be used with a CJ2H CPU Unit.
Device Type Setting
The unit version does not affect the setting made for the device type on the CX-Programmer. Select the device type as shown in the following table
regardless of the unit version of the CPU Unit.
Unit
CJ2H CPU Unit
Model
CJ2H-CPU6
@-EIP
Unit version
Item
Unit version 1.1 or higher
Unit version 1.0
High-speed interrupt function
Decreased overhead time for interrupt tasks
Minimum interval setting of 0.1 ms for Scheduled Interrupt Task
Supported.
Not supported.
Changing the minimum cycle time setting in MONITOR mode
Supported.
Not supported.
Synchronous unit operation function
Position Control Units (High-speed type) CJ1W-NC
@@4 work for synchronous unit operation.
Supported.
Not supported.
Addition of Immediate refreshing instruction only for specific Special I/O Units and CPU Bus Units
For CJ1W-AD042 : Analog Input Direct Convert AIDC (216)
For CJ1W-DA042V : Analog Output Direct Convert AODC (217)
For CJ1W-SCU22/32/42 :
Direct Receive Via Serial Communications Unit DRXDU (261)
Direct Transmit Via Serial Communications Unit DTXDU (262)
Supported.
Not supported.
CPU Unit
Functions
Required Programming Device
CX-Programmer
Programming
Console
Ver. 7.1 or
lower
Ver.8.0
Ver.8.1/
Ver.8.2
Ver. 8.3
Ver. 9.1/
Ver.9.2
Ver. 9.3 or
higher
CJ2H-CPU6
@-EIP
Unit version 1.4
Functions
added for unit
version 1.4
Using new functions
−−−−
−
OK
− *3
Not using new
functions
−
OK
*1OK *1OK
OK
OK
CJ2H-CPU6
@-EIP
Unit version 1.3
Functions
added for unit
version 1.3
Using new functions
−−−−
OK
OK
Not using new
functions
−
OK
*1OK *1OK
OK
OK
CJ2H-CPU6
@-EIP
Unit version 1.2
Functions
added for unit
version 1.2
Using new functions
−−−
OK
OK
OK
Not using new
functions
−
OK
*1OK *1OK
OK
OK
CJ2H-CPU6
@-EIP
Unit version 1.1
Functions
added for unit
version 1.1
Using new functions
−−
OK
*2OK
OK
OK
Not using new
functions
−
OK
*1OK
OK
OK
OK
CJ2H-CPU6
@-EIP
Unit version 1.0
Functions for unit version 1.0
−
OK
OK
OK
OK
OK
Series
CPU Unit group
CPU Unit model
Device type setting on
CX-Programmer Ver. 8.0 or higher
CJ Series
CJ2H CPU Units
CJ2H-CPU6
@-EIP
CJ2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com