Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2H-CPU65 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CJ2H-CPU65
Description  Flagship PLCs with Built-in Multifunctional Ethernet Port
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2H-CPU65 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CJ2H-CPU65 Datasheet HTML 1Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 2Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 3Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 4Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 5Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 6Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 7Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 8Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CJ2H-CPU6
@-EIP
4
Performance Specifications
Items
CJ2H-
CPU64-EIP
CPU65-EIP
CPU66-EIP
CPU67-EIP
CPU68-EIP
User Memory
50K steps
100K steps
150K steps
250K steps
400K steps
I/O Bits
2,560 bits
Processing
Speed
Overhead Processing Time
Normal Mode: 200
μs
(If tag data links are used with EtherNet/IP, add the following to the above time: 100
μs + Number of transferred
words
× (0.33 μs or 0.87 μs *))
* When High-speed interrupt function is used
Execution Time
Basic Instructions: 0.016
μs min.;
Special Instructions: 0.048
μs min.
Interrupts
I/O Interrupts and
External Interrupts
Interrupt task startup time : 26
μs or 17 μs * (30 μs in unit Ver.1.0)
Return time to cyclic task : 11
μs or 8 μs * (15 μs in unit Ver.1.0)
* When High-speed interrupt function is used
Scheduled
Interrupts
Interrupt task startup time : 22
μs or 13 μs * (27 μs in unit Ver.1.0)
Return time to cyclic task : 11
μs or 8 μs * (15 μs in unit Ver.1.0)
* When High-speed interrupt function is used
Maximum Number of Connectable Units
Total per CPU Rack or Expansion Rack: 10 Units max.;
Total per PLC: 40 Units max.
Maximum Number of Expansion Racks
3 max.
CIO Area
I/O Area
2,560 bits (160 words): Words CIO 0000 to CIO 0159
Link Area
3,200 bits (200 words): Words CIO 1000 to CIO 1199
Synchronous Data Refresh Area
1,536 bits (96 words): Words CIO 1200 to CIO 1295
CPU Bus Unit Area
6,400 bits (400 words): Words CIO 1500 to CIO 1899
Special I/O Unit Area
15,360 bits (960 words): Words CIO 2000 to CIO 2959
DeviceNet Area
9,600 bits (600 words): Words CIO 3200 to CIO 3799
Internal I/O Area
3,200 bits (200 words): Words CIO 1300 to CIO 1499
37,504 bits (2,344 words): Words CIO 3800 to CIO 6143
Cannot be used for external I/O.
Work Area
8,192 bits (512 words): Words W000 to W511
Cannot be used for external I/O.
Holding Area
8,192 bits (512 words): Words H000 to H511
Bits in this area maintain their ON/OFF status when PLC is turned OFF or operating mode is changed.
Words H512 to H1535: These words can be used only for function blocks. They can be used only for function
block instances (i.e., they are allocated only for internal variables in function blocks).
Auxiliary Area
Read-only: 31,744 bits (1,984 words)
• 7,168 bits (448 words): Words A0 to A447
• 24,576 bits (1,536 words): Words A10000 to A11535 *
Read/write: 16,384 bits (1,024 words) in words A448 to A1471
*
* A960 to A1471 and A10000 to A11535 cannot be accessed by CPU Bus Units, Special I/O Units, PTs, and
Support Software that do not specifically support the CJ2 CPU Units.
Temporary Area
16 bits: TR0 to TR15
Timer Area
4,096 timer numbers (T0000 to T4095 (separate from counters))
Counter Area
4,096 counter numbers (C0000 to C4095 (separate from timers))
DM Area
32k words
*
DM Area words for Special I/O Units: D20000 to D29599 (100 words
× 96 Units)
DM Area words for CPU Bus Units: D30000 to D31599 (100 words
× 16 Units)
* Bits in the EM Area can be addressed either by bit or by word. These bits cannot be addressed by CPU Bus
Units, Special I/O Units, PTs, and Support Software that do not specifically support the CJ2 CPU Units.
EM Area
32k words/bank
× 25 banks max.: E00_00000 to E18_32767 max. *1 *2
*1. Bits in the EM Area can be addressed either by bit or by word. These bits cannot be addressed by CPU
Bus Units, Special I/O Units, PTs, and Support Software that do not specifically support the CJ2 CPU
Units.
*2. EM banks D to 18 cannot be accessed by CPU Bus Units, Special I/O Units, PTs, and Support Software
that do not specifically support the CJ2 CPU Units.
*3. Force-set/reset to the EM Area is enabled by specifying a start bank in parameter settings. (unit version
1.2 or higher)
32K words
× 4
banks
32K words
× 4
banks
32K words
× 10
banks
32K words
× 15
banks
32K words
× 25
banks
Force-S/R
Enabled
Banks
When EM force-S/R
function is used
*3
Bank 0 to 3
Bank 0 to 3
Bank 0 to 9
Bank 0 to E
Bank 0 to 18
When automatic
address allocation
is specified
Bank 3
Bank 3
Bank 6 to 9
Bank 7 to E
Bank 11 to 18
Index Registers
IR0 to IR15
These are special registers for storing PLC memory addresses for indirect addressing. (Index Registers can
be set so that they are unique in each task or so that they are shared by all tasks.)
Cyclic Task Flag Area
128 flags
Memory Card
128 MB, 256 MB, or 512 MB
Operating Modes
PROGRAM Mode: Programs are not executed. Preparations can be executed prior to program execution in
this mode.
MONITOR Mode: Programs are executed, and some operations, such as online editing, and changes to
present values in I/O memory, are enabled in this mode.
RUN Mode:
Programs are executed. This is the normal operating mode.
Execution Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com