Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2H-CPU65 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # CJ2H-CPU65
Description  Flagship PLCs with Built-in Multifunctional Ethernet Port
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2H-CPU65 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button CJ2H-CPU65 Datasheet HTML 7Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 8Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 9Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 10Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 11Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 12Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 13Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 14Page - Omron Electronics LLC CJ2H-CPU65 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CJ2H-CPU6
@-EIP
12
External Interface
A CJ2H CPU Unit (CJ2H-CPU6
@-EIP) provides three communications ports for external interfaces: a peripheral (USB) port, a serial port and an
EtherNet/IP port.
Peripheral (USB) Port
Serial Port
* Baud rates for the RS-232C are specified only up to 19.2 kbps. The CJ Series supports serial communications from 38.4 kbps to 115.2 kbps,
but some computers cannot support these speeds. Lower the baud rate if necessary.
Note: Do not use the 5-V power from pin 6 of the RS-232C port for anything but CJ1W-CIF11 RS-422A Conversion Adapter, NT-AL001 RS-232C/
RS-422A Conversion Adapter and NV3W-M
@20L(-V1) Programmable Terminal. The external device or the CPU Unit may be damaged.
Item
Specification
Baud Rate
12 Mbps max.
Transmission Distance
5 m max.
Interface
USB 2.0-compliant B-type connector
Protocol
Peripheral Bus
Item
Specification
Communications method
Half duplex
Synchronization
Start-stop
Baud rate
0.3/0.6/1.2/2.4/4.8/9.6/19.2/38.4/57.6/115.2 kbps
*
Transmission distance
15 m max.
Interface
EIA RS-232C
Protocol
Host Link, NT Link, 1:N, No-protocol, or Peripheral Bus
Pin No.
Signal
Name
Direction
1
FG
Protection earth
−
2
SD (TXD)
Send data
Output
3
RD (RXD)
Receive data
Input
4
RS (RTS)
Request to send
Output
5
CS (CTS)
Clear to send
Input
6
5 V
Power supply
−
7
DR (DSR)
Data set ready
Input
8
ER (DTR)
Data terminal ready
Output
9
SG (0 V)
Signal ground
−
Connector hood
FG
Protection earth
−
Battery Compartment
LED Indicators
DIP Switch
(inside the battery compartment)
Memory Card Indicators
Indicates the Memory Card status
(access and power supply).
Peripheral (USB) Port
Connected to Programming Devices,
such as the CX-Programmer
Serial Port
Connected to Programming Devices, Host
Computers, general-purpose external devices,
Programmable Terminals, and other devices.
EtherNet/IP Port
Connected to the information management
system such as Host Computer
Simple Backup/Memory Card
Power Supply Switch
Used to back up Memory
Card data or turn OFF the
power when removing the
Memory Card.
Also, press the Memory Card
Power Supply Switch to
perform an easy backup
operation.
Memory Card Connector
Connects the Memory Card
to the CPU Unit.
Memory Card Eject Button
Press the eject button to
remove the Memory Card
from the CPU Unit.
5
1
9
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com