Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-S3 Datasheet(PDF) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S3
Description  2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S3 Datasheet(HTML) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S3 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
3
Functional Description
3.2 RTC and Low-Power Management
3.2.1 Power Management Unit (PMU)
With the use of advanced power-management technologies, ESP32-S3 can switch between different power
modes.
•
Active mode: CPU and chip radio are powered on. The chip can receive, transmit, or listen.
•
Modem-sleep mode: The CPU is operational and the clock speed can be reduced. The wireless
baseband and radio are disabled, but wireless connection can remain active.
•
Light-sleep mode: The CPU is paused. The RTC peripherals, as well as the ULP coprocessor can be
woken up periodically by the timer. Any wake-up events (MAC, host, RTC timer, or external interrupts) will
wake up the chip. Wireless connection can remain active. Users can optionally decide what peripherals to
shut down/keep on (refer to Figure 0-1), for power-saving purpose.
•
Deep-sleep mode: CPU and most peripherals are powered down. Only the RTC memory is powered on
and RTC peripherals are optional. Wi-Fi connection data are stored in the RTC memory. The ULP
coprocessor is functional.
For power consumption in different power modes, please refer to Table 4-8.
3.2.2 Ultra-Low-Power Coprocessor
The ULP coprocessor is designed as a simplified, low-power replacement of CPU in sleep modes. It can be also
used to supplement the functions of the CPU in normal working mode. The ULP coprocessor and RTC memory
remain powered on during the Deep-sleep mode. Hence, the developer can store a program for the ULP
coprocessor in the RTC slow memory to access RTC GPIO, RTC peripheral devices, RTC timers and internal
sensors in Deep-sleep mode.
ESP32-S3 has two ULP coprocessors, one based on RISC-V instruction set architecture (ULP-RISC-V) and the
other on finite state machine (ULP-FSM). The clock of the coprocessors is the internal fast RC oscillator.
ULP-RISC-V has the following features:
• Support for RV32IMC instruction set
• Thirty-two 32-bit general-purpose registers
• 32-bit multiplier and divider
• Support for interrupts
• Booted by the CPU, its dedicated timer, or RTC GPIO
ULP-FSM has the following features:
• Support for common instructions including arithmetic, jump, and program control instructions
• Support for on-board sensor measurement instructions
• Booted by the CPU, its dedicated timer, or RTC GPIO
Note that these two coprocessors cannot work simultaneously.
Espressif Systems
29
Submit Documentation Feedback
ESP32-S3 Series Datasheet v1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com