Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-S3 Datasheet(PDF) 59 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S3
Description  2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S3 Datasheet(HTML) 59 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S3 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 61Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 62Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 63Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
4
Electrical Characteristics
4.8.2 Wi-Fi RF Receiver (RX) Specifications
Table 4-14. RX Sensitivity
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps
—
–98.4
—
802.11b, 2 Mbps
—
–95.4
—
802.11b, 5.5 Mbps
—
–93.0
—
802.11b, 11 Mbps
—
–88.6
—
802.11g, 6 Mbps
—
–93.2
—
802.11g, 9 Mbps
—
–91.8
—
802.11g, 12 Mbps
—
–91.2
—
802.11g, 18 Mbps
—
–88.6
—
802.11g, 24 Mbps
—
–86.0
—
802.11g, 36 Mbps
—
–82.4
—
802.11g, 48 Mbps
—
–78.2
—
802.11g, 54 Mbps
—
–76.5
—
802.11n, HT20, MCS0
—
–92.6
—
802.11n, HT20, MCS1
—
–91.0
—
802.11n, HT20, MCS2
—
–88.2
—
802.11n, HT20, MCS3
—
–85.0
—
802.11n, HT20, MCS4
—
–81.8
—
802.11n, HT20, MCS5
—
–77.4
—
802.11n, HT20, MCS6
—
–75.8
—
802.11n, HT20, MCS7
—
–74.2
—
802.11n, HT40, MCS0
—
–90.0
—
802.11n, HT40, MCS1
—
–88.0
—
802.11n, HT40, MCS2
—
–85.2
—
802.11n, HT40, MCS3
—
–82.0
—
802.11n, HT40, MCS4
—
–79.0
—
802.11n, HT40, MCS5
—
–74.4
—
802.11n, HT40, MCS6
—
–72.8
—
802.11n, HT40, MCS7
—
–71.4
—
Table 4-15. Maximum RX Level
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps
—
5
—
802.11b, 11 Mbps
—
5
—
802.11g, 6 Mbps
—
5
—
802.11g, 54 Mbps
—
0
—
802.11n, HT20, MCS0
—
5
—
Cont’d on next page
Espressif Systems
59
Submit Documentation Feedback
ESP32-S3 Series Datasheet v1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com