Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-S3 Datasheet(PDF) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S3
Description  2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S3 Datasheet(HTML) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
2.2 Pin Description
Table 2-1. Pin Description
Name
No.
Type
Power Domain
Function
LNA_IN
1
I/O
—
Low Noise Amplifier (RF LNA) input and output signal
VDD3P3
2
PA
—
Analog power supply
VDD3P3
3
PA
—
Analog power supply
CHIP_PU
4
I
VDD3P3_RTC
High: on, enables the chip.
Low: off, the chip powers off.
Note: Do not leave the CHIP_PU pin floating.
GPIO0
5
I/O/T
VDD3P3_RTC
RTC_GPIO0,
GPIO0
GPIO1
6
I/O/T
VDD3P3_RTC
RTC_GPIO1,
GPIO1,
TOUCH1,
ADC1_CH0
GPIO2
7
I/O/T
VDD3P3_RTC
RTC_GPIO2,
GPIO2,
TOUCH2,
ADC1_CH1
GPIO3
8
I/O/T
VDD3P3_RTC
RTC_GPIO3,
GPIO3,
TOUCH3,
ADC1_CH2
GPIO4
9
I/O/T
VDD3P3_RTC
RTC_GPIO4,
GPIO4,
TOUCH4,
ADC1_CH3
GPIO5
10
I/O/T
VDD3P3_RTC
RTC_GPIO5,
GPIO5,
TOUCH5,
ADC1_CH4
GPIO6
11
I/O/T
VDD3P3_RTC
RTC_GPIO6,
GPIO6,
TOUCH6,
ADC1_CH5
GPIO7
12
I/O/T
VDD3P3_RTC
RTC_GPIO7,
GPIO7,
TOUCH7,
ADC1_CH6
GPIO8
13
I/O/T
VDD3P3_RTC
RTC_GPIO8,
GPIO8,
TOUCH8,
ADC1_CH7,
SUBSPICS1
GPIO9
14
I/O/T
VDD3P3_RTC
RTC_GPIO9,
GPIO9,
TOUCH9,
ADC1_CH8,
SUBSPIHD,
FSPIHD
GPIO10
15
I/O/T
VDD3P3_RTC
RTC_GPIO10,
GPIO10,
TOUCH10,
ADC1_CH9,
FSPIIO4,
SUBSPICS0,
FSPICS0
GPIO11
16
I/O/T
VDD3P3_RTC
RTC_GPIO11,
GPIO11,
TOUCH11,
ADC2_CH0,
FSPIIO5,
SUBSPID,
FSPID
GPIO12
17
I/O/T
VDD3P3_RTC
RTC_GPIO12,
GPIO12,
TOUCH12,
ADC2_CH1,
FSPIIO6,
SUBSPICLK,
FSPICLK
GPIO13
18
I/O/T
VDD3P3_RTC
RTC_GPIO13,
GPIO13,
TOUCH13,
ADC2_CH2,
FSPIIO7,
SUBSPIQ,
FSPIQ
GPIO14
19
I/O/T
VDD3P3_RTC
RTC_GPIO14,
GPIO14,
TOUCH14,
ADC2_CH3,
FSPIDQS,
SUBSPIWP,
FSPIWP
VDD3P3_RTC
20
PA
—
Analog power supply
XTAL_32K_P
21
I/O/T
VDD3P3_RTC
RTC_GPIO15,
GPIO15,
U0RTS,
ADC2_CH4,
XTAL_32K_P
XTAL_32K_N
22
I/O/T
VDD3P3_RTC
RTC_GPIO16,
GPIO16,
U0CTS,
ADC2_CH5,
XTAL_32K_N
GPIO17
23
I/O/T
VDD3P3_RTC
RTC_GPIO17,
GPIO17,
U1TXD,
ADC2_CH6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com