Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250T-1FCVG484E Datasheet(PDF) 88 Page - Microchip Technology

Part # MPFS250T-1FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484E Datasheet(HTML) 88 Page - Microchip Technology

Back Button MPFS250T-1FCVG484E Datasheet HTML 84Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 85Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 86Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 87Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 88Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 89Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 90Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 91Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
Unit
Value
Parameter
dB/dec
16.6
Slope
Figure 5 • Common Mode Return Loss
Table 93 • Common Mode Return Loss
Unit
Value
Parameter
dB
–6
A0
MHz
100
f0
Hz
(3/4) * T_Baud
f1
6.6
Transceiver Protocol Characteristics
The following section describes transceiver protocol characteristics.
6.6.1
PCI Express
The following tables describe the PCI express.
Table 94 • PCI Express Gen1
Unit
Max
Min
Data Rate
Parameter
UI
0.25
2.5 Gbps
Total transmit jitter
UI
0.4
2.5 Gbps
Receiver jitter tolerance
Note: With add-in card, as specified in PCI Express CEM Rev 2.0.
84
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com