Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250T-1FCVG484E Datasheet(PDF) 10 Page - Microchip Technology

Part # MPFS250T-1FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484E Datasheet(HTML) 10 Page - Microchip Technology

Back Button MPFS250T-1FCVG484E Datasheet HTML 6Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 7Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 8Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 9Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 10Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 11Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 12Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 13Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Unit
Max
Min
Symbol
Parameter
°C
150
–65
TSTG
Storage temperature
(ambient)
1
°C
135
–55
TJ
Junction temperature
1
°C
260
TSOLROHS
Maximum soldering
temperature RoHS
1. See FPGA Programming Cycles vs Retention Characteristics for retention time vs temperature. The total
time used in calculating the device retention includes the device operating temperature time and
temperature during storage time.
2. The power supplies for a given I/O bank x are shown as VDDIx and VDDAUXx.
5.2
Recommended Operating Conditions
The following table lists the recommended operating conditions.
Table 5 • Recommended Operating Conditions
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
1.03
1.00
0.97
VDD
Device core sup-
ply at 1.0 V
mode
1, 6
V
1.08
1.05
1.02
VDD
Device core sup-
ply at 1.05 V
mode
1, 6
When all lane
rates are 10.312
5 Gbps or less.
1
V
1.03
1.00
0.97
VDDA
Transceiver TX
and RX lanes
supply (1.0 V
mode)
6, 7
Must when any
lane rate is
V
1.08
1.05
1.02
VDDA
Transceiver TX
and RX lanes
greater than 10.
supply (1.05 V
mode)
6
3125 Gbps. L-
ane rates 10.31
25 Gbps or less
may also be
powered in 1.05
V mode.
1
V
1.89
1.80
1.71
VDD18
Programming
and HSIO receiv-
er supply
6
V
2.575
2.50
2.425
VDD25
Device core and
device PLL high-
voltage supply
6
V
2.575
2.50
2.425
VDDA25
Transceiver PLL
high-voltage
supply
6
6
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com