Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPFS250T-1FCVG484E Datasheet(PDF) 14 Page - Microchip Technology

Part # MPFS250T-1FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484E Datasheet(HTML) 14 Page - Microchip Technology

Back Button MPFS250T-1FCVG484E Datasheet HTML 10Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 11Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 12Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 13Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 14Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 15Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 16Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 17Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
Condition (V)
AC (VIN) Overshoot Duration as % at TJ = 100 °C
1.95
100
2
100
2.05
100
2.1
100
2.15
100
2.2
100
2.25
90
2.3
30
2.35
7.5
2.4
1.9
Note: Overshoot level is for VDDI at 1.8 V.
The following table lists the maximum AC input voltage (VIN) undershoot duration for HSIO.
Table 9 • Maximum Undershoot During Transitions for HSIO
Condition (V)
AC (VIN) Undershoot Duration as % at TJ = 100 °C
–0.05
100
–0.1
100
–0.15
100
–0.2
100
–0.25
100
–0.3
100
–0.35
100
–0.4
100
–0.45
44
–0.5
14
–0.55
4.8
–0.6
1.6
The following table lists the maximum AC input voltage (VIN) overshoot duration for GPIO.
10
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com